Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 7Page - Texas Instruments DLPC910 Datasheet HTML 8Page - Texas Instruments DLPC910 Datasheet HTML 9Page - Texas Instruments DLPC910 Datasheet HTML 10Page - Texas Instruments DLPC910 Datasheet HTML 11Page - Texas Instruments DLPC910 Datasheet HTML 12Page - Texas Instruments DLPC910 Datasheet HTML 13Page - Texas Instruments DLPC910 Datasheet HTML 14Page - Texas Instruments DLPC910 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Pin Functions (continued)
PIN
ACTIVE
I/O TYPE
CLOCK SYSTEM
DESCRIPTION
(HI OR LO)
NAME
NO.
No connect. For access to test point
TST_PT_4
AA14
LVCMOS33_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_5
AB14
LVCMOS33_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_6
AA15
LVCMOS33_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_7
AB15
LVCMOS33_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_8
C1
LVCMOS25_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_9
D1
LVCMOS25_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_10
E1
LVCMOS25_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_11
E2
LVCMOS25_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_12
E3
LVCMOS25_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_13
F3
LVCMOS25_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_14
E7
LVCMOS25_O
-
-
output route to test via.
No connect. For access to test point
TST_PT_15
F7
LVCMOS25_O
-
-
output route to test via.
Requires an external 49.9-
Ω pull-up
DLPC_VRN_BANK4
AB12
DCI Reference Voltage
-
-
resistor to 3.3 V.
Requires an external 49.9-
Ω pull-
DLPC_VRP_BANK4
AC11
DCI Reference Voltage
-
-
down resistor to GND.
Signal enables the Load-4 functionality
LOAD4_ENZ
D25
LVCMOS33_I
Lo
-
of the DLP9000XFLS. Includes internal
pull-up.
Signal indicates a DMD voltage is
DMD_IRQ
D26
LVCMOS33_O
Hi
-
inactive. Includes internal pull-up
DLPC910 VBATT reference. Connect to
DLPC_VBATT
K18
LVCMOS33_I
-
-
GND.
DLPC910 Initialization configuration
DLPC_DONE
K10
LVCOMS33_O
-
-
complete. Connect to DLPR910 CEZ
pin. Requires 4.7-k
Ω pull-up to 3.3 V.
DLPC910 Configuration. Requires 4.7-
DLPC_HSWAPEN
L18
LVCMOS33_I
-
-
k
Ω pull-up to 3.3 V.
DLPC910 Configuration. Connect to
DDC_M0
W18
LVCMOS33_I
-
-
GND
DLPC910 Configuration. Connect to
DDC_M1
Y17
LVCMOS33_I
-
-
GND
DLPC910 Configuration. Connect to
DDC_M2
V18
LVCMOS33_I
-
-
GND
DLPC910 Configuration. Connect to
INTB_DDC
J11
LVCMOS25_O
Hi
-
DLPR910 OE/RESET. Requires 4.7-k
Ω
pull-up to 3.3 V.
DLPC910 Configuration. Connect to
PROGB_DDC
J18
LVCMOS25_O
Hi
-
DLPR910 CF. Requires 4.7-k
Ω pull-up
to 3.3 V.
Configuration PROM Clock. Connect to
DLPR910 CLK. Connects to center of
PROM_CCK_DDC
J10
LVCMOS25_O
-
PROM_CCK_DDC
voltage divider (100/100-
Ω 3.3 V and
GND).
Configuration PROM Data in.
PROM_D0_DDC
K11
LVCMOS25_I
-
PROM_CCK_DDC
Connected to DLPR910 Data 0 (D0)
DLPC910 Configuration. Requires 1-k
Ω
RDWR_B
P18
LVCMOS25_I
-
-
pull-down to ground.
JTAG Clock. Connects to DLPC910,
DLPR910, and JTAG header TCK (if
TCK_JTAG
U11
LVCMOS33_I
-
TCK_JTAG
user has JTAG they must build their
chain accordingly)
JTAG Data out of DLPC910. Connects
TDO_DDC
W10
LVCMOS33_O
-
TCK_JTAG
to JTAG return TDO on JTAG header
JTAG Data out of DLPR910 to
TDO_XCF16DDC
V11
LVCMOS33_I
-
TCK_JTAG
DLPC910. Connects to DLPR910 TDO
(DLPC910 internal signal TDI_0)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com