Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 20Page - Texas Instruments DLPC910 Datasheet HTML 21Page - Texas Instruments DLPC910 Datasheet HTML 22Page - Texas Instruments DLPC910 Datasheet HTML 23Page - Texas Instruments DLPC910 Datasheet HTML 24Page - Texas Instruments DLPC910 Datasheet HTML 25Page - Texas Instruments DLPC910 Datasheet HTML 26Page - Texas Instruments DLPC910 Datasheet HTML 27Page - Texas Instruments DLPC910 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
•
RESET_STRB – Reset Address, Mode, and Level Select latched on rising-edge.
7.3.10.5 Enable and Interrupt Signals
The controller provides the necessary outputs for DMD enables and an input interrupt from the DMD, which are:
•
PWRDNZ – Active-low DMD reset.
•
RESET_OEZ – Active-low output enable for the DMD reset driver circuits.
•
RESETZ – Active-low sets the reset circuits in known state.
•
RESET_IRQZ – Active-low input interrupt from the DMD.
7.3.10.6 Serial Control Port
The DLPC910 communicates with the DMD over the SCP bus to perform initialization, set configuration, and
retrieve identification information.
7.3.11 Flash PROM Interface
7.3.11.1 JTAG Interface
The JTAG interface has multiple purposes that can be used in the following manner:
•
Program the configuration bit stream directly into the DLPC910
•
Perform boundary test and debug of the DLPC910
•
Program the configuration bit stream directly into the DLPR910YVA PROM (not user configurable)
7.3.11.2 PGM Interface
The PGM(4:0) interface is used by the DLPC910 to read in the configuration bit stream from the attached
DLPR910YVA PROM.
7.4 Device Functional Modes
7.4.1 DMD Row Operation
The DMD data is loaded one row at a time with four LVDS buses into the DMD SRAM pixels. The DMD requires
all four data buses (A,B,C,D). Each bus consists of a differential clock (DDC_DCLKOUT), a differential control
signal (DDC_SCTRL), and 16 differential pairs of LVDS signals (DDC_DOUT[15:0]) that are output from the
DLPC910. Data and control are clocked into the DMD on both the rising and falling edges of the
DDC_DCLKOUT_[A, B, C, D]. Data loading does not cause mirror switching until a MCP operation is completed.
The number of clocks to load a row can be calculated as:
C = P / (D × E)
where
•
C = number of clocks per row
•
P = number of pixels per row
•
D = data bus bit width
•
E = 2. (Data is clocked on both the rising an falling edge of DCLK.)
(1)
Example:
C = 2560 / (64 × 2) = 20 clocks per row
Row address orientation depends on the North or South Flip Flag (NS_FLIP) input to the DLPC910. Refer to
Related Documentation for the DMD datasheet regarding orientation of rows, columns, and MCP blocks. The row
address counter does not automatically wrap-around when using the increment row address pointer instruction.
After the final row is addressed, the row address pointer must be cleared to 0.
24
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com