Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 12Page - Texas Instruments DLPC910 Datasheet HTML 13Page - Texas Instruments DLPC910 Datasheet HTML 14Page - Texas Instruments DLPC910 Datasheet HTML 15Page - Texas Instruments DLPC910 Datasheet HTML 16Page - Texas Instruments DLPC910 Datasheet HTML 17Page - Texas Instruments DLPC910 Datasheet HTML 18Page - Texas Instruments DLPC910 Datasheet HTML 19Page - Texas Instruments DLPC910 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
LVDS Interface
DCLKIN(A,B,C,D),DVALID(A,B,C,D),DIN(A,B,C,D)(15:0)
DLPC910
DOUT(A,B,C,D)
DCLKOUT (A,B,C,D)
SCTRL(A,B,C,D)
RESET_ADDR(3:0)
RESET_MODE(1:0)
RESET_SEL(1:0)
RESET_STRB
RESET_OEZ
RESET_IRQZ
SCP BUS(3:0)
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
I2C
Row and Block Signals
ROWMD(1:0),ROWAD(10:0),BLKMD(1:0),BLKAD(3:0),RST2BLKZ
Control Signals
COMP_DATA,NS_FLIP,WDT_ENBLZ,PWR_FLOAT
Status Signals
RST_ACTIVE,INIT_ACTIVE,ECP2_FINISHED
RESETZ
VLED0
VLED1
PWR
GND
CLKIN_R
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The DLPC910 digital controller provides a reliable high speed data pipe to the DMD, where the digital input on
the LVDS interface is configured for the required timing requirements of the DMD. The DMD reflects light by
using 1-bit binary encoded patterns, where each mirror is a pixel-to-mirror mapping of the pattern.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Input LVDS Interface
The data input interface consists of four input data buses: DDC_DIN_A, DDC_DIN_B, DDC_DIN_C, and
DDC_DIN_D. Each bus contains 16 differential pairs which are synchronous to the rising and falling edges of its
associated DDC_DCLK signal.
7.3.2 Data Clock
The data clock interface consists of four differential pairs: DDC_DCLK_A, DDC_DCLK_B, DDC_DCLK_C, and
DDC_DCLK_D. Each must operate continuously. All signals associated with the data clock should be
synchronous to these signals. For example, DDC_DIN_A and DVALID_A should be synchronous to the rising
edge of DDC_DCLK_A. This clock should be valid prior to releasing CTRL_RSTZ. DDC_DCLK is a DDR clock
with data loaded on both rising and falling edges of DDC_DCLK. The jitter on this clock is specified in Timing
Requirements.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com