Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 18Page - Texas Instruments DLPC910 Datasheet HTML 19Page - Texas Instruments DLPC910 Datasheet HTML 20Page - Texas Instruments DLPC910 Datasheet HTML 21Page - Texas Instruments DLPC910 Datasheet HTML 22Page - Texas Instruments DLPC910 Datasheet HTML 23Page - Texas Instruments DLPC910 Datasheet HTML 24Page - Texas Instruments DLPC910 Datasheet HTML 25Page - Texas Instruments DLPC910 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
7.3.7.5.2
VLED1
The VLED1 signal is typically connected to an LED indicator to show the status of system initialization and the
status of the clock circuits. The VLED1 signal is asserted only when system initialization is complete and clock
circuits are initialized. Logically, these signals are ANDed together to show an indication of the health of the
system. If the Phase Locked Loop (PLL) connected to the data clock and the DMD clock are functioning correctly
after system initialization, the LED will be illuminated.
7.3.8 Reset and System Clock
7.3.8.1 Controller Reset
The controller reset input CTRL_RSTZ is an active low, asynchronous reset. This reset can be sourced from a
voltage supervisor or from the customer interface. Users should note that the chipset will not operate correctly if
all DLPC910 power supplies are not in range at the time this reset is released.
7.3.8.2 Main Oscillator Clock
The reference clock, CLKIN_R, supplied from an oscillator must be 50MHz. This is required for the precise timing
used to perform the DMD MCP. This clock should be valid prior to releasing CTRL_RSTZ.
7.3.9 I2C Interface
The I2C interface is compliant to I2C specification version 1.0 – 1995, and operates between 100 kHz and 400
kHz clock rate. The interface allows the user to set controller configuration and provides status information such
as:
•
Controller and DMD identification
•
DMD Type
•
Versions
•
Controller operating status
•
Controller operating modes
Each I2C clock and data I/O requires an external 1K-
Ω pull-up resistor to 3.3 V. Depending on the speed that is
selected and the loading of the interface, a different pull-up resistor may be required.
7.3.9.1 Configuration Pins
The DDC_IIC_ADDR_SEL input signal allows the user to select the DLPC910 I2C slave address. When this pin
is low, the slave address is 0x34 and when high the slave address is 0x36. If pin is left unconnected, the default
slave address is 0x36.
The DDC_IIC_SCL is the master controller input clock. The DDC_IIC_SDA is the bidirectional data signal. Both
these signals require a 1-k
Ω pull-up resistor.
7.3.9.2 Communications Interface
Communications is performed over the I2C interface where the DLPC910 is the slave device. The DLPC910
slave address consists of a 7-bit address plus 1 R/W bit. Communicating with the DLPC910 involves writing to or
reading from the registers listed in Register Map.
7.3.9.2.1
Command Format
All register addresses are 32-bit in size, where each register contains a 32-bit value. The actual valid bits are
shown in each respective register. Most registers contain spare or unused bits. These bits should be treated as
don't-care during a read operation unless otherwise specified. When writing to spare or unused bits, these bits
MUST be set to 0. Both the register address and the data require the least-significant byte to be first and most-
significant byte last. A SUB CMD must precede the register address to indicate the type of operation, where a
0xF1 indicates a write operation and a 0xF2 indicates a read operation. The following figures show examples of
writing and reading to the DESTOP_BUS_SWAP register.
Figure 6 shows an I2C master writing data to the DLPC910, where 0xF1 is required as the SUB CMD followed
by the register address and finally the register data.
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com