Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 19Page - Texas Instruments DLPC910 Datasheet HTML 20Page - Texas Instruments DLPC910 Datasheet HTML 21Page - Texas Instruments DLPC910 Datasheet HTML 22Page - Texas Instruments DLPC910 Datasheet HTML 23Page - Texas Instruments DLPC910 Datasheet HTML 24Page - Texas Instruments DLPC910 Datasheet HTML 25Page - Texas Instruments DLPC910 Datasheet HTML 26Page - Texas Instruments DLPC910 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
S
DLPC910 Slave Address
R/W
A
0xF2
0x28
0x00
0x00
0x00
0x01
0x00
0x00
0x00
A
A
A
A
A
A
A
A
A/A
P
0 (Write)
SUB CMD
Register Address
Register Data
S
DLPC910 Slave Address
R/W
1 (Read)
A
P
S DLPC910 Slave Address R/W
A
0xF1
0x28
0x00
0x00
0x00
0x01
0x00
0x00
0x00
A
A
A
A
A
A
A
A
A/A
P
0 (Write)
SUB CMD
Register Address
Register Data
From master to DLPC910
From DLPC910 to master
A = acknowledge (SDA Low)
A = not acknowledge (SDA High)
S = START Condition
P = STOP Condition
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Figure 6. Example I2C Master Writing DLPC910 Register Data
Figure 7 shows an I2C master reading data from the DLPC910, where 0xF2 is required as the SUB CMD
followed by the register address. Then the master performs STOP followed by a START to read the register
data.
Figure 7. Example I2C Master Reading DLPC910 Register Data
7.3.10 DMD Interface
7.3.10.1 DDC_DOUT
The controller provides four (A, B, C, D) 16-bit wide 2x LVDS output data buses to the DMD with a user
selectable bus frequency of 400 or 480 Mhz.
7.3.10.2 DDC_SCTRL
The controller provides four (A, B, C, D) control output buses to the DMD. Each bus provides the necessary
control data for the different operating modes of the DMD.
7.3.10.3 DDC_DCLKOUT
The controller provides four (A, B, C, D) clock outputs to the DMD with a clock frequency of 400 or 480 Mhz
(user selectable). Both DDC_DOUT and DDC_SCTRL are clocked into the DMD on both the rising and falling
edges of the DDC_DCLKOUT.
7.3.10.4 DMD Reset Interface
7.3.10.4.1
Mirror Reset Control
The controller provides the necessary mirror reset control signals to the DMD, which are:
•
RESET_ADDR(3:0) – Reset Driver Address Select.
•
RESET_MODE(3:0) – Reset Driver Mode Select.
•
RESET_SEL(1:0) – Reset Driver Level Select.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com