Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 21Page - Texas Instruments DLPC910 Datasheet HTML 22Page - Texas Instruments DLPC910 Datasheet HTML 23Page - Texas Instruments DLPC910 Datasheet HTML 24Page - Texas Instruments DLPC910 Datasheet HTML 25Page - Texas Instruments DLPC910 Datasheet HTML 26Page - Texas Instruments DLPC910 Datasheet HTML 27Page - Texas Instruments DLPC910 Datasheet HTML 28Page - Texas Instruments DLPC910 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
DCLKIN
DVALID
ROWMD/ROWAD
BLK_MD/BLK_AD
NS_FLIP/COMP_DATA
DIN_A/B/C/D
0
1
38
39
37
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Device Functional Modes (continued)
7.4.1.1 Data and Command Write Cycle
Once initialization is complete (INIT_ACTIVE = 0) the user is free to send data and control information to the
DLPC910. When the user asserts the DVALID signal for the LVDS input buses, the DLPC910 begins sampling
the LVDS data inputs and synchronously sending this information to the DMD along with row address control
information. The row cycle period is exactly 20 CLKS long and begins with DVALID. If DVALID is removed, the
DLPC910 stops loading data and control information until DVALID goes active again.
Figure 8 shows an example of data written to the DLPC910 for a single row. Data is written to the DMD 64 bits
(16 A bits + 16 B bits + 16 C bits + 16 D bits) on each clock edge. An entire line must be written for data to be
latched into memory.
The DMD incorporates single row write operations using a row address counter that is randomly addressable. As
shown in Table 1 and Table 2, ROWMD(1:0) determines the single row write count mode and ROWAD(10:0)
determines the single row write address. ROWMD and ROWAD must be asserted and de-asserted
synchronously with DVALID and must be valid synchronous to the beginning of the data as shown in Figure 8.
Figure 8. Single Row Write Operation
7.4.2 Block Mode Operation
The DMD mirrors and corresponding SRAM pixels are organized into blocks and each block is broken into rows
per BLK as described in Table 4. Mirror blocks are addressed for either the Mirror Clocking Pulse or Block Clear
functions by asserting block control signals at the start of each row data load. RST2BLKZ, BLK_MD and BLK_AD
are used as shown in Table 5 to designate which mirror block(s) is to be issued a MCP or a Block Clear. Refer to
Related Documentation for the DMD datasheet regarding block location information.
•
The clear operation sets all of the SRAM pixels in the designated block to logic zero during the current row
cycle.
•
It is possible to issue a MCP to a block while loading a different block.
•
It is not possible to clear a block while writing to a different block.
•
It is not necessary to clear a block if it is going to be reloaded with new data (just like a normal memory cell).
•
It is recommended that RST2BLKZ, COMP, and NS_FLIP be set to one value and not adjusted during normal
system operation.
•
A change in RST2BLKZ is not immediately effective and will require more than one row load cycle to
complete.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com