Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 23Page - Texas Instruments DLPC910 Datasheet HTML 24Page - Texas Instruments DLPC910 Datasheet HTML 25Page - Texas Instruments DLPC910 Datasheet HTML 26Page - Texas Instruments DLPC910 Datasheet HTML 27Page - Texas Instruments DLPC910 Datasheet HTML 28Page - Texas Instruments DLPC910 Datasheet HTML 29Page - Texas Instruments DLPC910 Datasheet HTML 30Page - Texas Instruments DLPC910 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Table 5. Block Operations (continued)
RST2BKLZ
BLK_MD 1
BLK_MD 2
BLK_AD 3
BLK_AD 2
BLK_AD 1
BLK_AD 0
OPERATION
0
1
1
0
1
1
1
Reset blocks 14-15
1
1
1
0
0
0
X
Reset blocks 00-03
1
1
1
0
0
1
X
Reset blocks 04-07
1
1
1
0
1
0
X
Reset blocks 08-11
1
1
1
0
1
1
X
Reset blocks 12-15
X
1
1
1
0
X
X
Reset blocks 00-15
X
1
1
1
1
X
X
Float blocks 00-15
7.4.3 Block Clear
The DMD incorporates block clear operations using the BLK_MD and BLK_AD signals as shown in Table 5. The
block address does not automatically increment and must be set to the desired block to be cleared. Block clear
operation writes logic zero data to all the SRAM cells in one DMD block regardless of the COMP_DATA input
state. It is not possible to clear a DMD block while writing to a different block. BLK_MD and BLK_AD are
asserted to perform a MCP on the block(s) that have been cleared. The customer interface should introduces a
delay on the last block(s) that were issued a MCP to allow the mirrors to become stable.Each Block Clear
operation must be followed by two no-op row load cycles. Therefore, 16 total Block Clear commands and 32
total no-op row cycles are required to clear the entire DMD array.
7.4.4 Mirror Clocking Pulse
A Mirror Clocking Pulse (MCP) sequence begins by asserting BLK_MD and BLK_AD for a single, dual, quad, or
global block operation as defined in Table 5. A MCP causes a reset on the block(s), and the data stored in the
block(s) takes effect on the mirrors of the DMD. Shortly after a MCP has been issued, RST_ACTIVE goes high
for approximately 4
μs, indicating a MCP operation is in progress. During this time, no additional MCPs may be
initiated until RST_ACTIVE returns low. RST_ACTIVE does not return to low unless continuous no-op or data
loading row cycles are issued. A typical single block load phased sequence in which consecutive DMD blocks
are loaded is illustrated in Figure 10. A MCP time is identical for single, dual, quad or global block operations.
Note that it may take longer to complete a MCP on a block than it does to load a block. The block load time may
be calculated as:
Block Load Time = Clock Period × number CLKS per ROW × number ROWS per BLK
Table 6. DMD Block Load Time at 480 MHz DMD Clock
DMD
MINIMUM BLOCK LOAD TIME
DLP9000XFLS
4.167 µsec
For any case which involves sending a MCP or a Block Clear without data loading, the customer interface must
send no-op row cycles. This can be accomplished by asserting DVALID, while holding ROWMD at 00 and
BLKMD at 00 for 20 clock cycles, as in Figure 9. Following the loading of all rows in a block or the entire DMD, at
least one no-op row cycle must be completed to initiate the MCP. If the MCP is asserted prior to loading all rows
in a block or the entire DMD, rows which were not updated will show old data. Additional MCP operations may
not be initiated until RST_ACTIVE is low. Block Clear operations for the DMD must be followed by two
consecutive no-op row cycle commands.
To obtain full utilization of the DMD bandwidth, load four blocks and then issue a MCP to the four blocks
concurrently by setting RST2BLKZ to 1 and BLK_MD to 11 with the appropriate address in BLK_AD. This is
illustrated in Figure 12.
It is possible to load other blocks while the block(s) previously issued a MCP is settling. This is illustrated in
Figure 11 and Figure 12, where blocks are reloaded while the mirror setting time is ocurring. It is also possible to
load other blocks while previously loaded block(s) have an outstanding RST_ACTIVE. This is illustrated in
Figure 12, where block 0 is loaded while RST_ACTIVE is asserted for blocks 12-15.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com