Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 39Page - Texas Instruments DLPC910 Datasheet HTML 40Page - Texas Instruments DLPC910 Datasheet HTML 41Page - Texas Instruments DLPC910 Datasheet HTML 42Page - Texas Instruments DLPC910 Datasheet HTML 43Page - Texas Instruments DLPC910 Datasheet HTML 44Page - Texas Instruments DLPC910 Datasheet HTML 45Page - Texas Instruments DLPC910 Datasheet HTML 46Page - Texas Instruments DLPC910 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
•
Vias should be spaced out to avoid forming slots on the power planes.
•
High speed signals should not cross over a slot in the adjacent power planes.
•
Placing extra vias is not required if there are sufficient ground vias due to normal ground connections of
devices.
10.1.5 Power Vias
Power and Ground pins of each component shall be connected to the power and ground planes with a via for
each pin. Avoid sharing vias to the power plane among multiple power pins, where possible. Trace lengths for
component power and ground pins should be minimized (ideally, less than 0.100 inch). Unused or spare device
pins that are connected to power or ground may be connected together with a single via to power or ground. The
minimum spacing between vias shall be 0.050 inch to prevent slots from being developed on the ground plane.
10.1.6 Decoupling
Decoupling capacitors must be located as near as possible to the DLPC910 voltage supply pins. Capacitors
should not share vias. The DLPC910 power pins can be connected directly to the decoupling capacitor (no via) if
the trace is less than 0.03 inches. Otherwise the component should be tied to the voltage or ground plane
through a separate via. All capacitors should be connected to the power planes with trace lengths less than 0.05
inches.
10.1.7 Flex Connector Plating
For designs using the Texas Instruments designed reference flex cable, plate all the pad area on the top layer of
flex connection with a minimum of 35 and maximum 50 micro-inches of electrolytic hard gold over a minimum of
100 micro-inches of electrolytic nickel.
10.2 Layout Example
The PCB layer design may vary depending on system design. However, careful attention is required to meet
design considerations. Table 25 shows a layer signal definition and Figure 17 shows a PCB stack-up. The PCB
stack-up uses Hitachi 679gs as the dielectric material to improve the signal slew rate. Although the material
shown is Rogers Theta, it is the same material as the Hitachi 679gs.
Table 25. Layer Definition
Top:
Signal
2:
GND
3:
Signal
4:
GND
5:
Signal
6:
GND
7:
Signal
8:
GND
9:
Split Power
10:
Split Power
11:
GND
12:
Signal
13:
GND
14:
Signal
15:
GND
16:
Signal
17:
GND
Bottom:
Signal
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com