Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 14Page - Texas Instruments DLPC910 Datasheet HTML 15Page - Texas Instruments DLPC910 Datasheet HTML 16Page - Texas Instruments DLPC910 Datasheet HTML 17Page - Texas Instruments DLPC910 Datasheet HTML 18Page - Texas Instruments DLPC910 Datasheet HTML 19Page - Texas Instruments DLPC910 Datasheet HTML 20Page - Texas Instruments DLPC910 Datasheet HTML 21Page - Texas Instruments DLPC910 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
0100
0100
0100
0100
4:1
SERDES Data
(at the interface)
½ Speed
System CLK
Full Speed
IO CLK
Output Data
0100
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
Figure 4. Training Pattern Alignment
NOTE
In Xilinx FPGAs (due to the construction of the ISERDES and OSERDES cells) a pattern
of 0010 needs to be applied to the output/transmitting SERDES cells data pins (D1 = 0,
D2 = 0, D3 = 1, D4 = 0) in order to receive a result of 0100 (Q1 = 0, Q2 = 1, Q3 = 0, Q4 =
0) at the input/receiving SERDES cell.
The patterns should be applied on all of the data and DVALID pins. In this respect, the interface is treated as a
17 bit interface with DVALID being the 17th data bit. The receiving logic in the DLPC910 adjusts the clock phase
until the correct pattern is seen at the inputs. This allows DLPC910 to correctly select a clock phase for data
capture and will contribute to a more robust interface. It is important that the training pattern is applied to the
DVALID and data inputs of the DLPC910 before reset to the device is de-asserted, as training commences
immediately on the de-assertion of reset. The INIT_ACTIVE signal is asserted while the device is held in reset in
order to help facilitate this behavior.
7.3.5 Row and Block Interface
7.3.5.1 Row Mode
The DMD incorporates single row write operations using a row address counter that is randomly addressable.
ROWMD(1:0) determines the single row write count mode and ROWAD(10:0) determines the single row write
address. ROWMD and ROWAD must be asserted and de-asserted synchronously with DVALID. Row address
orientation depends on the North or South Flip Flag (NS_FLIP) input to the DLPC910. Refer to Related
Documentation for the DMD datasheet regarding orientation of rows, columns, and Mirror Clocking Pulse (MCP)
blocks. The row address counter does not automatically wrap-around when using the increment row address
pointer instruction. After the final row is addressed, the row address pointer must be cleared to 0.
7.3.5.2 Block Mode
The signals RST2BLKZ, BLK_MD and BLK_AD are used to designate which mirror block(s) is to be issued a
MCP or a Block Clear.
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com