Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 31Page - Texas Instruments DLPC910 Datasheet HTML 32Page - Texas Instruments DLPC910 Datasheet HTML 33Page - Texas Instruments DLPC910 Datasheet HTML 34Page - Texas Instruments DLPC910 Datasheet HTML 35Page - Texas Instruments DLPC910 Datasheet HTML 36Page - Texas Instruments DLPC910 Datasheet HTML 37Page - Texas Instruments DLPC910 Datasheet HTML 38Page - Texas Instruments DLPC910 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
7.5.1.10 DESTOP_DMDCTRL Register
The DESTOP_DMDCTRL register can be used in place of the external DLPC910 control inputs to control the
functions described. Bit-0 must be set to “1” to gain control of the functions. Bit-5 is available regardless of the
state of bit-0.
Table 17. DESTOP_DMDCTRL Register
ADDRESS
BITS
DESCRIPTION (1)
RESET
TYPE
0x002C
0
Enables DMD control of the functions that are normally
0x0
R/W
controlled on external pins.
0 = Controlled from external pins (default)
1 = Controlled from the I2C interface
1
NS_FLIP. Sets the orientation of the top and bottom of the
0x0
R/W
DMD.
0 = Un-flipped (default)
1 = Flipped
2
DATA_COMP. Sets a DMD mode that inverts all of the
0x0
R/W
incoming data.
0 = Normal (default)
1 = Data is inverted at the DMD
3
LOAD_FOUR. Activates the Load4 function of the DMD.
0x1
R/W
Each row written is loaded to 4 consecutive locations.
0 = Load4 mode is active
1 = Normal (default)
4
RST2BLKZ. Activates the RST2BLKZ function of the DMD.
0x1
R/W
Refer to Table 5 for setting RST2BLKZ.
(1)
When bit 0 is set to 1, bits 1, 2, 3, and 4 override their respective external control inputs.
7.5.1.11 DESTOP_BIT_FLIP Register
The DESTOP_BIT_FLIP register is used for configuring the DLPC910 output LVDS buses to the DMD. To
simplify board layout design, flipping individual buses may reduce routing constraints. If the buses are flipped in
hardware, then the appropriate setting that matches the hardware must be set after a power cycle or a reset to
the DLPC910.
Table 18. DESTOP_BIT_FLIP Register
ADDRESS
BITS
DESCRIPTION
RESET
TYPE
0x0030
0
Reverses the Data bits for bus A (b'15 = b'0, b'0 = b'15)
0x0
R/W
0 = un-flipped (default)
1 = flipped
1
Reverses the Data bits for bus B (b'15 = b'0, b'0 = b'15)
0x0
R/W
0 = un-flipped (default)
1 = flipped
2
Reverses the Data bits for bus C (b'15 = b'0, b'0 = b'15)
0x0
R/W
0 = un-flipped (default)
1 = flipped
3
Reverses the Data bits for bus D (b'15 = b'0, b'0 = b'15)
0x0
R/W
0 = un-flipped (default)
1 = flipped
31:4
UNUSED
0x0
R
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com