Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 16Page - Texas Instruments DLPC910 Datasheet HTML 17Page - Texas Instruments DLPC910 Datasheet HTML 18Page - Texas Instruments DLPC910 Datasheet HTML 19Page - Texas Instruments DLPC910 Datasheet HTML 20Page - Texas Instruments DLPC910 Datasheet HTML 21Page - Texas Instruments DLPC910 Datasheet HTML 22Page - Texas Instruments DLPC910 Datasheet HTML 23Page - Texas Instruments DLPC910 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
0
1
2
3
4
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Data Sent
Data Loaded
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
Prior to power removal, assert PWR_FLOAT and allow approximately 300
μs for the procedure to complete. This
procedure will assure the mirrors are in a flat state. Following this procedure, the power can be safely removed.
To restart after assertion of PWR_FLOAT, the DLPC910 must be reset by setting CTRL_RSTZ low (logic 0) for
50ms, and then back to high (logic 1), or power to the DLPC910 must be cycled.
To avoid leaving a static image on the DMD without removing power, a mirror FLOAT operation can be issued to
the DMD. A mirror FLOAT sequence begins by asserting the proper BLK_MD and BLK_AD as described in
Table 5. During the following row cycle, the DMD releases the tension under each mirror so that all mirrors are in
a relatively flat position. The FLOAT operation takes approximately 300
μs to complete, during which time
RST_ACTIVE is asserted. Normal operation may then continue without reseting or cycling power to the
DLPC910 or the DMD.
7.3.6.5 Load4
Load4 functionality provides improved global binary pattern rates for applications that can trade diminished
vertical resolution for higher pattern rates. Examples of these types of applications are shutter or chopper
applications and vertical structured light patterns. Asserting LOAD4_ENZ causes the attached DMD to load 4
rows for every row of data sent, reducing the pattern load time to ¼ of a full DMD load. It does not reduce the
MCP timing.
7.3.6.5.1
Load4 Row Addressing
In Load4 mode, automatic increment mode and row address mode can still be used as before, however the
largest addressable row will be (1600/4) - 1 = 399. The addressable vertical resolution is reduced by four,
although the physical resolution is unchanged.
Automatic increment address mode will automatically increment the row address input by one (or decrement by
one for N/S flip). The row address input will be re-mapped as shown in Table 3, where Vres = the vertical
resolution of the DMD.
Table 3. Load4 Row Address Mapping
ROW ADDRESS INPUT
PHYSICAL ROWS LOADED ON DMD
0
0, 1, 2, 3
1
4, 5, 6, 7
2
8, 9, 10, 11
3
12, 13, 14, 15
N
4N, 4N+1, 4N+2, 4N+3
(VRes/4) -1
VRes-4, VRes-3, VRes-2, VRes-1
Figure 5. Example Load4 Row Address Mapping
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com