Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 36Page - Texas Instruments DLPC910 Datasheet HTML 37Page - Texas Instruments DLPC910 Datasheet HTML 38Page - Texas Instruments DLPC910 Datasheet HTML 39Page - Texas Instruments DLPC910 Datasheet HTML 40Page - Texas Instruments DLPC910 Datasheet HTML 41Page - Texas Instruments DLPC910 Datasheet HTML 42Page - Texas Instruments DLPC910 Datasheet HTML 43Page - Texas Instruments DLPC910 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
PCB Fabrication:
•
Configuration: Asymmetric dual strip-line
•
Etch thickness : 1.0-oz copper (1.2 mil)
•
Flex etch thickness: 0.5-oz copper (0.6 mil)
•
Single-ended signal impedance: 50
Ω (±10%)
•
Differential signal impedance: 100
Ω (±10%)
PCB Stack-up:
•
Ground planes for proper return path.
•
Power planes for proper supply to circuits.
•
Dielectric material with a low Loss-Tangent, for example: Hitachi 679gs or equivalent, (Er): 3.8 (nominal).
10.1.2 Signal Layers
The PCB signal layers should follow typical good practice guidelines including:
•
Layer changes should be minimized for single-ended signals.
•
Individual differential pairs can be routed on different layers, but the signals of a given pair should not change
layers.
•
Stubs should be avoided.
•
Low-frequency signals should be routed on the outer layers.
•
Differential pair signals should be routed first.
•
Pin swapping on components is not allowed.
•
Polarized capacitors should have the same orientation.
The PCB should have a solder mask on the top and bottom layers.
•
The mask should not cover the vias.
•
Except for fine pitch devices (pitch
≤ 0.032 inches). The copper pads and the solder mask cutout should be of
the same size.
•
Solder mask between pads of fine pitch devices should be removed.
•
In the BGA package, the copper pads and the solder mask cutout should be of the same size.
High-speed connectors that meet the following requirements should be used:
•
Differential crosstalk: < 5%
•
Differential impedance: 90 to 110
Ω for all LVDS signal pairs
Routing requirements for right-angle connectors:
•
When using right-angle connectors, LVDS signal P-N pairs should be routed in the same row to minimize
delay mismatch.
•
When using right-angle connectors, propagation delay difference for each row should be accounted for on
associated PCB etch lengths.
10.1.3 General PCB Routing
Fiducials for automatic component insertion should be 0.05-inch copper with a 0.1-inch cutout (antipad). Fiducials
for optical auto insertion are placed on three corners of both sides of the PCB.
10.1.3.1 Trace Minimum Spacing
BGA escape routing can be routed with 3.7-mils width and 4.3-mils spacing, as long as the escape nets are less
than 1-inch long, to allow two traces to fit between vias. After signals escape the BGA field, trace width should be
widened to achieve the desired impedance and spacing.
All single-ended 50-ohm signals must have a minimum spacing of 10 mils relative to other signals. Other special
trace spacing requirements are listed in Table 20.
40
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com