Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 10Page - Texas Instruments DLPC910 Datasheet HTML 11Page - Texas Instruments DLPC910 Datasheet HTML 12Page - Texas Instruments DLPC910 Datasheet HTML 13Page - Texas Instruments DLPC910 Datasheet HTML 14Page - Texas Instruments DLPC910 Datasheet HTML 15Page - Texas Instruments DLPC910 Datasheet HTML 16Page - Texas Instruments DLPC910 Datasheet HTML 17Page - Texas Instruments DLPC910 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
6.4 Thermal Information
DLPC910
THERMAL METRIC (1)
ZYR (FCBGA)
UNIT
676 PINS
RθJA
Junction-to-ambient thermal resistance (2)
12.1
°C/W
RθJC
Junction-to-case thermal resistance
3.2
°C/W
RθJB
Junction-to-board thermal resistance
0.19
°C/W
(1)
Refer to the XC5VLX30 product specifications at www.xilinx.com for complete thermal specifications.
(2)
In still air.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
3.3-V CMOS
2.0
V
VIL
Low-level input voltage
3.3-V CMOS
0.8
V
VOH
High-level output voltage
3.3-V DCI and CMOS
2.9
V
VOL
Low-level output voltage
3.3-V DCI and CMOS
0.4
V
VIH
High-level input voltage
2.5-V CMOS
1.7
V
VIL
Low-level input voltage
2.5-V CMOS
0.7
V
VCCO –
2.5-V interface
0.4
VOH
High-level output voltage
V
2.5-V LVDS
1.38
2.5-V interface
0.4
VOL
Low-level output voltage
V
2.5-V LVDS
1.03
2.5-V interface
8
CI
Input capacitance
pF
2.5-V LVDS
8
ICCINT
Supply voltage range, core supply
1.4
mA
ICCO
Supply voltage range, I/O supply
4.2
mA
6.6 Timing Requirements
(see
(1))
MIN
NOM
MAX
UNIT
fcd
Clock frequency, DCLKIN_n (2)
fcd = 400 MHz
400
MHz
fcd = 480 MHz
480
fcr
Clock frequency, CLK_R
50
MHz
tc
Cycle time, DCLKIN_n
fcd = 400 MHz
2.5
ns
fcd = 480 MHz
2.083
tw(H)
Pulse duration, high
50% to 50% reference
fcd = 400 MHz
1.25
ns
points (signal)
fcd = 480 MHz
1.042
tw(L)
Pulse duration, low
50% to 50% reference
fcd = 400 MHz
1.25
ns
points (signal)
fcd = 480 MHz
1.042
tt
Transition time, tt = tf /tr
20% to 80% reference
fcd = 400 MHz
0.6
ns
points (signal)
fcd = 480 MHz
0.5
tjp
Period Jitter DCLKIN_n (3)
100
ps
(1)
It is recommended that the COMP_DATA, NS_FLIP and RST2BLKZ flags be set to one value and not adjusted during normal system
operation.
(2)
Preferred DDC_DCLK _n duty cycle = 50%
(3)
This is the deviation in period from ideal period due solely to high frequency jitter.
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com