Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 26Page - Texas Instruments DLPC910 Datasheet HTML 27Page - Texas Instruments DLPC910 Datasheet HTML 28Page - Texas Instruments DLPC910 Datasheet HTML 29Page - Texas Instruments DLPC910 Datasheet HTML 30Page - Texas Instruments DLPC910 Datasheet HTML 31Page - Texas Instruments DLPC910 Datasheet HTML 32Page - Texas Instruments DLPC910 Datasheet HTML 33Page - Texas Instruments DLPC910 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
7.4.5 DMD Array Subset
It is possible to use a subset of the DMD array including individual MCP blocks. The driving software/hardware
MUST ensure that the MCP rate for the number of blocks in the subset plus the mirror settling time does not
exceed 50 kHz.
Load4 functionality is primarily intended to be used with global MCPs. However, it is possible to use a subset of
the DMD array including individual MCP blocks. The driving software/hardware MUST ensure that the MCP rate
for the number of blocks in the Load4 subset plus the mirror settling time does not exceed 50 kHz.
7.4.6 Global Mirror Clocking Pulse Consideration
A Global MCP (BLK_MD = 11 and BLK_AD = 10XX), takes the same amount of time as the single, dual, and
quad block MCP. In addition to requiring a no-op row cycle to initiate a global MCP, a row cycle (either no-op or
data loading) is also required to complete the operation. If the customer interface is monitoring RST_ACTIVE to
determine when to send a subsequent row cycle, it will never see RST_ACTIVE transition low. One method of
operation would be to continue sending no-op row cycles until RST_ACTIVE goes low then continue loading data
with real row cycles. Another method of operation is to delay greater than 10
μs, then start loading new data to
DMD.
7.5 Register Map
7.5.1 Register Table Overview
Table 7 lists the I2C accessible memory mapped registers for the DLPC910. Access to the I2C registers should
not begin unitl INIT_ACTIVE has transitioned low (logic 0).
Table 7. Communication Registers
ADDRESS
REGISTER NAME
DESCRIPTION
SIZE
0x0000
DESTOP_INTERRUPT
DESTOP Interrupt Status
32
0x0004
0x0008
0x000C
MAIN_STATUS
Main Status
32
0x0010
DESTOP_CAL
DESTOP input calibration status
32
0x0014
DESTOP_DMD_ID_REG
Connected DMD ID
32
0x0018
DESTOP_CATBITS_REG
Connected DMD fuse catalog bits
32
0x001C
DESTOP_910VERSION_REG
DLPC910 Version Number
32
0x0020
DESTOP_RESET_REG
Reset status signals
32
0x0024
DESTOP_INFIFO_STATUS
Input interface FIFO status
32
0x0028
DESTOP_BUS_SWAP
Output bus swap
32
0x002C
DESTOP_DMDCTRL
DMD Control Register
32
0x0030
DESTOP_BIT_FLIP
Output data bus bit reversal/flip
32
30
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com