Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 33Page - Texas Instruments DLPC910 Datasheet HTML 34Page - Texas Instruments DLPC910 Datasheet HTML 35Page - Texas Instruments DLPC910 Datasheet HTML 36Page - Texas Instruments DLPC910 Datasheet HTML 37Page - Texas Instruments DLPC910 Datasheet HTML 38Page - Texas Instruments DLPC910 Datasheet HTML 39Page - Texas Instruments DLPC910 Datasheet HTML 40Page - Texas Instruments DLPC910 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Typical Application (continued)
8.2.1.1 Design Requirements
The DLPC910 interface is made up of several buses and controls signals as shown in the following list. The
LVDS input buses provides the means of loading data to the DLPC910 and the LVDS output buses provide the
data to DMD. Each input and output LVDS bus has an associated clock which clocks the data into the DLPC910
or into the DLP9000X. Row and Block control signals define the type of mirror clock pulse to use after all the
data is loaded into the DLP9000X.
•
LVDS differential inputs
–
DDC_DCLK 4 buses
–
DVALID 4 buses
–
DDC_DIN 4 buses
•
LVDS differential outputs. Refer to LVDS Output Bus Skew for recommendations on trace lengths.
–
DDC_DOUT 4 buses
–
DDC_DCLKOUT 4 buses
–
DDC_SCTRL 4 buses
•
Control output signals
–
DMD RESET
–
DMD SCP
•
Row and Block control input signals
–
ROWMD
–
ROWAD
–
BLKMD
–
BLKAD
–
RST2BLKZ
•
Control input signals
–
COMP_DATA
–
NS_FLIP
–
WDT_ENBLZ
–
PWR_FLOAT
–
LOAD4_ENZ
•
Status output signals
–
RST_ACTIVE
–
INIT_ACTIVE
–
ECP2_FINISHED
–
DMD_IRQ
•
Controller reset
–
CTRL_RSTZ
•
DLPR910 interface
–
PGM(4:0)
–
JTAG(3:0)
8.2.1.2 Detailed Design Procedure
After power is applied to the DLPC910, the APPS FPGA should monitor the ECP2_FINISHED signal to
determine when the DLPC910 has completed loading the configuration from the DLPR910. The APPS FPGA
next monitors the INIT_ACTIVE signal to determine when the DLPC910 has completed its internal initialization
routines and has configured the DMD for normal operation. An alternate method is to request the initialization
status using the I2C interface. Information regarding initialization, versions, and IDs can be requested through
this interface.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com