Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 34Page - Texas Instruments TMS320VC5416 Datasheet HTML 35Page - Texas Instruments TMS320VC5416 Datasheet HTML 36Page - Texas Instruments TMS320VC5416 Datasheet HTML 37Page - Texas Instruments TMS320VC5416 Datasheet HTML 38Page - Texas Instruments TMS320VC5416 Datasheet HTML 39Page - Texas Instruments TMS320VC5416 Datasheet HTML 40Page - Texas Instruments TMS320VC5416 Datasheet HTML 41Page - Texas Instruments TMS320VC5416 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
www.ti.com
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
These new bit fields were created to allow the user to define the space-select for the DMA
(internal/external).
The
functions
of
the
DLAXS
and
SLAXS
bits
are
as
follows:
• DLAXS(DMMCRn[5]) Destination
–
0 = No external access (default internal)
–
1 = External access
• SLAXS(DMMCRn[11]) Source
–
0 = No external access (default internal)
–
1 = External access
Table 3-9 lists the DMD bit values and their corresponding destination space.
Table 3-9. DMD Section of the DMMCRn Register
DMD
Destination Space
00
PS
01
DS
10
I/O
11
Reserved
For the CPU external access, software can configure the memory cells to reside inside or outside the
program address map. When the cells are mapped into program space, the device automatically accesses
them when their addresses are within bounds. When the address generation logic generates an address
outside its bounds, the device automatically generates an external access.
38
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com