Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 12Page - Texas Instruments TMS320VC5416 Datasheet HTML 13Page - Texas Instruments TMS320VC5416 Datasheet HTML 14Page - Texas Instruments TMS320VC5416 Datasheet HTML 15Page - Texas Instruments TMS320VC5416 Datasheet HTML 16Page - Texas Instruments TMS320VC5416 Datasheet HTML 17Page - Texas Instruments TMS320VC5416 Datasheet HTML 18Page - Texas Instruments TMS320VC5416 Datasheet HTML 19Page - Texas Instruments TMS320VC5416 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
www.ti.com
3
Functional Overview
GPIO
MBus
64K RAM
Dual Access
Program/Data
McBSP1
McBSP2
McBSP3
RHEA Bus
APLL
TIMER
JTAG
Clocks
RHEAbus
RHEA
Bridge
TI BUS
xDMA
logic
16K Program
ROM
Enhanced XIO
P, C, D, E Buses and Control Signals
XIO
16HPI
54X cLEAD
16 HPI
64K RAM
Single Access
Program
3.1
Memory
3.1.1
Data Memory
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 2-2. Signal Descriptions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
Emulator 1 pin/disable all outputs. When TRST is driven high, EMU1/OFF is used as an interrupt to or from the
emulator system and is defined as input/output by way of IEEE standard 1149.1 scan system. When TRST is
driven low, EMU1/OFF is configured as OFF. The EMU1/OFF signal, when active low, puts all output drivers into
the high-impedance state. Note that OFF is used exclusively for testing and emulation purposes (not for
EMU1/OFF(6)
I/O/Z
multiprocessing applications). Therefore, for the OFF condition, the following apply:
TRST = low,
EMU0 = high
EMU1/OFF = low
The following functional overview is based on the block diagram in Figure 3-1.
Figure 3-1. TMS320VC5416 Functional Block Diagram
The device provides both on-chip ROM and RAM memories to aid in system performance and integration.
The data memory space addresses up to 64K of 16-bit words. The device automatically accesses the
on-chip RAM when addressing within its bounds. When an address is generated outside the RAM bounds,
the device automatically generates an external access.
The advantages of operating from on-chip memory are as follows:
• Higher performance because no wait states are required
• Higher performance because of better flow within the pipeline of the central arithmetic logic unit
(CALU)
• Lower cost than external memory
16
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com