Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 11Page - Texas Instruments TMS320VC5416 Datasheet HTML 12Page - Texas Instruments TMS320VC5416 Datasheet HTML 13Page - Texas Instruments TMS320VC5416 Datasheet HTML 14Page - Texas Instruments TMS320VC5416 Datasheet HTML 15Page - Texas Instruments TMS320VC5416 Datasheet HTML 16Page - Texas Instruments TMS320VC5416 Datasheet HTML 17Page - Texas Instruments TMS320VC5416 Datasheet HTML 18Page - Texas Instruments TMS320VC5416 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
www.ti.com
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 2-2. Signal Descriptions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
HOST-PORT INTERFACE SIGNALS
Parallel bidirectional data bus. The HPI data bus is used by a host device bus to exchange information with the
HPI registers. These pins can also be used as general-purpose I/O pins. HD0-HD7 is placed in the
HD0-
high-impedance state when not outputting data or when OFF is low. The HPI data bus includes bus holders to
I/O/Z
HD7(2)(3)
reduce the static power dissipation caused by floating, unused pins. When the HPI data bus is not being driven
by the device, the bus holders keep the pins at the previous logic level. The HPI data bus holders are disabled
at reset and can be enabled/disabled via the HBH bit of the BSCR. These pins also have Schmitt trigger inputs.
HCNTL0(4)
Control inputs. HCNTL0 and HCNTL1 select a host access to one of the three HPI registers. The control inputs
I
HCNTL1(4)
have internal pullups that are only enabled when HPIENA = 0. These pins are not used when HPI16 = 1.
Byte identification. HBIL identifies the first or second byte of transfer. The HPIL input has an internal pullup
HBIL(4)
I
resistor that is only enabled when HPIENA = 0. This pin is not used when HPI16 = 1.
Chip select. HCS is the select input for the HPI and must be driven low during accesses. The chip select input
HCS (2) (4)
I
has an internal pullup resistor that is only enabled when HPIENA = 0.
HDS1 (2) (4)
Data strobe. HDS1 and HDS2 are driven by the host read and write strobes to control the transfer. The strobe
I
HDS2 (2) (4)
inputs have internal pullup resistors that are only enabled when HPIENA = 0.
Address strobe. Host with multiplexed address and data pins requires HAS to latch the address in the HPIA
HAS (2) (4)
I
register. HAS input has an internal pullup resistor that is only enabled when HPIENA = 0.
Read/write. HR/W controls the direction of the HPI transfer. HR/W has an internal pullup resistor that is only
HR/W(4)
I
enabled when HPIENA = 0.
Ready output. HRDY goes into the high-impedance state when OFF is low. The ready output informs the host
HRDY
O/Z
when the HPI is ready for the next transfer. This pin is driven high during reset.
Interrupt output. This output is used to interrupt the host. When the DSP is in reset, HINT is driven high. HINT
HINT
O/Z
goes into the high-impedance state when OFF is low. This pin is not used when HPI16 = 1.
HPI module select. HPIENA must be tied to DVDD to have HPI selected. If HPIENA is left open or connected to
ground, the HPI module is not selected, internal pullup for the HPI input pins are enabled, and the HPI data bus
HPIENA(5)
I
has holders set. HPIENA is provided with an internal pulldown resistor that is always active. HPIENA is sampled
when RS goes high and is ignored until RS goes low again. This pin should never be changed while reset is
high.
HPI16 mode selection. This pin must be tied to DVDD to enable HPI16 mode. The pin has an internal pulldown
HPI16(5)
I
resistor which is always active. If HPI16 is left open or driven low, the HPI16 mode is disabled.
SUPPLY PINS
CVSS
S
Ground. Dedicated ground for the core CPU
CVDD
S
+VDD. Dedicated power supply for the core CPU
DVSS
S
Ground. Dedicated ground for I/O pins
DVDD
S
+VDD. Dedicated power supply for I/O pins
TEST PINS
IEEE standard 1149.1 test clock. TCK is normally a free-running clock signal with a 50% duty cycle. The
changes on test access port (TAP) of input signals TMS and TDI are clocked into the TAP controller, instruction
TCK(2)(4)
I
register, or selected test data register on the rising edge of TCK. Changes at the TAP output signal (TDO) occur
on the falling edge of TCK.
IEEE standard 1149.1 test data input. Pin with internal pullup device. TDI is clocked into the selected register
TDI(4)
I
(instruction or data) on a rising edge of TCK.
IEEE standard 1149.1 test data output. The contents of the selected register (instruction or data) are shifted out
TDO
O/Z
of TDO on the falling edge of TCK. TDO is in the high-impedance state except when the scanning of data is in
progress. TDO also goes into the high-impedance state when OFF is low.
IEEE standard 1149.1 test mode select. Pin with internal pullup device. This serial control input is clocked into
TMS(4)
I
the TAP controller on the rising edge of TCK.
IEEE standard 1149.1 test reset. TRST, when high, gives the IEEE standard 1149.1 scan system control of the
TRST (5)
I
operations of the device. If TRST is not connected or driven low, the device operates in its functional mode, and
the IEEE standard 1149.1 signals are ignored. Pin with internal pulldown device.
Emulator 0 pin. When TRST is driven low, EMU0 must be high for activation of the OFF condition. When TRST
EMU0(6)
I/O/Z
is driven high, EMU0 is used as an interrupt to or from the emulator system and is defined as input/output by
way of the IEEE standard 1149.1 scan system.
(4)
This pin has an internal pullup resistor.
(5)
This pin has an internal pulldown resistor.
(6)
This pin must be pulled up with a 4.7-k
Ω resistor to ensure the device is operable in functional mode or emulation mode.
Introduction
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com