Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 44Page - Texas Instruments TMS320VC5416 Datasheet HTML 45Page - Texas Instruments TMS320VC5416 Datasheet HTML 46Page - Texas Instruments TMS320VC5416 Datasheet HTML 47Page - Texas Instruments TMS320VC5416 Datasheet HTML 48Page - Texas Instruments TMS320VC5416 Datasheet HTML 49Page - Texas Instruments TMS320VC5416 Datasheet HTML 50Page - Texas Instruments TMS320VC5416 Datasheet HTML 51Page - Texas Instruments TMS320VC5416 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
www.ti.com
3.17
DMA Subbank Addressed Registers
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The direct memory access (DMA) controller has several control registers associated with it. The main
control register (DMPREC) is a standard memory-mapped register. However, the other registers are
accessed using the subbank addressing scheme. This allows a set or subbank of registers to be accessed
through a single memory location. The DMA subbank address (DMSA) register is used as a pointer to
select a particular register within the subbank, while the DMA subbank data (DMSD) register or the DMA
subbank data register with autoincrement (DMSDI) is used to access (read or write) the selected register.
When the DMSDI register is used to access the subbank, the subbank address is automatically
postincremented so that a subsequent access affects the next register within the subbank. This
autoincrement feature is intended for efficient, successive accesses to several control registers. If the
autoincrement feature is not required, the DMSDN register should be used to access the subbank.
Table 3-18 shows the DMA controller subbank addressed registers and their corresponding subaddresses.
Table 3-18. DMA Subbank Addressed Registers
SUB- AD-
NAME
ADDRESS
DESCRIPTION
DRESS
DMSRC0
56h/57h
00h
DMA channel 0 source address register
DMDST0
56h/57h
01h
DMA channel 0 destination address register
DMCTR0
56h/57h
02h
DMA channel 0 element count register
DMSFC0
56h/57h
03h
DMA channel 0 sync select and frame count register
DMMCR0
56h/57h
04h
DMA channel 0 transfer mode control register
DMSRC1
56h/57h
05h
DMA channel 1 source address register
DMDST1
56h/57h
06h
DMA channel 1 destination address register
DMCTR1
56h/57h
07h
DMA channel 1 element count register
DMSFC1
56h/57h
08h
DMA channel 1 sync select and frame count register
DMMCR1
56h/57h
09h
DMA channel 1 transfer mode control register
DMSRC2
56h/57h
0Ah
DMA channel 2 source address register
DMDST2
56h/57h
0Bh
DMA channel 2 destination address register
DMCTR2
56h/57h
0Ch
DMA channel 2 element count register
DMSFC2
56h/57h
0Dh
DMA channel 2 sync select and frame count register
DMMCR2
56h/57h
0Eh
DMA channel 2 transfer mode control register
DMSRC3
56h/57h
0Fh
DMA channel 3 source address register
DMDST3
56h/57h
10h
DMA channel 3 destination address register
DMCTR3
56h/57h
11h
DMA channel 3 element count register
DMSFC3
56h/57h
12h
DMA channel 3 sync select and frame count register
DMMCR3
56h/57h
13h
DMA channel 3 transfer mode control register
DMSRC4
56h/57h
14h
DMA channel 4 source address register
DMDST4
56h/57h
15h
DMA channel 4 destination address register
DMCTR4
56h/57h
16h
DMA channel 4 element count register
DMSFC4
56h/57h
17h
DMA channel 4 sync select and frame count register
DMMCR4
56h/57h
18h
DMA channel 4 transfer mode control register
DMSRC5
56h/57h
19h
DMA channel 5 source address register
DMDST5
56h/57h
1Ah
DMA channel 5 destination address register
DMCTR5
56h/57h
1Bh
DMA channel 5 element count register
DMSFC5
56h/57h
1Ch
DMA channel 5 sync select and frame count register
DMMCR5
56h/57h
1Dh
DMA channel 5 transfer mode control register
DMSRCP
56h/57h
1Eh
DMA source program page address (common channel)
48
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com