Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 39Page - Texas Instruments TMS320VC5416 Datasheet HTML 40Page - Texas Instruments TMS320VC5416 Datasheet HTML 41Page - Texas Instruments TMS320VC5416 Datasheet HTML 42Page - Texas Instruments TMS320VC5416 Datasheet HTML 43Page - Texas Instruments TMS320VC5416 Datasheet HTML 44Page - Texas Instruments TMS320VC5416 Datasheet HTML 45Page - Texas Instruments TMS320VC5416 Datasheet HTML 46Page - Texas Instruments TMS320VC5416 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
www.ti.com
3.13
General-Purpose I/O Pins
3.13.1
McBSP Pins as General-Purpose I/O
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 3-12. DMA Synchronization Events (continued)
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0101b
McBSP1 receive event
0110b
McBSP1 transmit event
0111b
McBSP0 receive event - ABIS mode
1000b
McBSP0 transmit event - ABIS mode
1001b
McBSP2 receive event - ABIS mode
1010b
McBSP2 transmit event - ABIS mode
1011b
McBSP1 receive event - ABIS mode
1100b
McBSP1 transmit event - ABIS mode
1101b
Timer interrupt event
1110b
INT3 goes active
1111b
Reserved
The DMA controller can generate a CPU interrupt for each of the six channels. However, due to a limit on
the number of internal CPU interrupt inputs, channels 0, 1, 2, and 3 are multiplexed with other interrupt
sources. DMA channels 0, 1, 2, and 3 share an interrupt line with the receive and transmit portions of the
McBSP. When the device is reset, the interrupts from these three DMA channels are deselected. The
INTSEL bit field in the DMPREC register can be used to select these interrupts, as shown in Table 3-13.
Table 3-13. DMA Channel Interrupt Selection
INTSEL Value
IMR/IFR[6]
IMR/IFR[7]
IMR/IFR[10]
IMR/IFR[11]
00b (reset)
BRINT2
BXINT2
BRINT1
BXINT1
01b
BRINT2
BXINT2
DMAC2
DMAC3
10b
DMAC0
DMAC1
DMAC2
DMAC3
11b
Reserved
In addition to the standard BIO and XF pins, the device has pins that can be configured for
general-purpose I/O. These pins are:
• 18 McBSP pins
–
BCLKX0/1/2,
–
BCLKR0/1/2
–
BDR0/1/2
–
BFSX0/1/2
–
BFSR0/1/2
–
BDX0/1/2
• 8 HPI data pins
–
HD0-HD7
The general-purpose I/O function of these pins is only available when the primary pin function is not
required.
When the receive or transmit portion of a McBSP is in reset, its pins can be configured as
general-purpose inputs or outputs. For more details on this feature, see Section 3.8.
Functional Overview
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com