Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 40Page - Texas Instruments TMS320VC5416 Datasheet HTML 41Page - Texas Instruments TMS320VC5416 Datasheet HTML 42Page - Texas Instruments TMS320VC5416 Datasheet HTML 43Page - Texas Instruments TMS320VC5416 Datasheet HTML 44Page - Texas Instruments TMS320VC5416 Datasheet HTML 45Page - Texas Instruments TMS320VC5416 Datasheet HTML 46Page - Texas Instruments TMS320VC5416 Datasheet HTML 47Page - Texas Instruments TMS320VC5416 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
www.ti.com
3.13.2
HPI Data Pins as General-Purpose I/O
3.14
Device ID Register
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The 8-bit bidirectional data bus of the HPI can be used as general-purpose input/output (GPIO) pins when
the HPI is disabled (HPIENA = 0) or when the HPI is used in HPI16 mode (HPI16 = 1). Two
memory-mapped registers are used to control the GPIO function of the HPI data pins—the gen-
eral-purpose I/O control register (GPIOCR) and the general-purpose I/O status register (GPIOSR). The
GPIOCR is shown in Figure 3-20.
15
8
Reserved
0
7
6
5
4
3
2
1
0
DIR7
DIR6
DIR5
DIR4
DIR3
DIR2
DIR1
DIR0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-20. General-Purpose I/O Control Register (GPIOCR) [MMR Address 003Ch]
The direction bits (DIRx) are used to configure HD0-HD7 as inputs or outputs.
The status of the GPIO pins can be monitored using the bits of the GPIOSR. The GPIOSR is shown in
Figure 3-21.
15
8
Reserved
0
7
6
5
4
3
2
1
0
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-21. General-Purpose I/O Status Register (GPIOSR) [MMR Address 003Dh]
A read-only memory-mapped register has been added to the device to allow user application software to
identify on which device the program is being executed.
15
8
CHIP ID
R
7
4
3
0
CHIP REVISION
SUBSYSID
R
R
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-22. Device ID Register (CSIDR) [MMR Address 003Eh]
44
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com