Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 41Page - Texas Instruments TMS320VC5416 Datasheet HTML 42Page - Texas Instruments TMS320VC5416 Datasheet HTML 43Page - Texas Instruments TMS320VC5416 Datasheet HTML 44Page - Texas Instruments TMS320VC5416 Datasheet HTML 45Page - Texas Instruments TMS320VC5416 Datasheet HTML 46Page - Texas Instruments TMS320VC5416 Datasheet HTML 47Page - Texas Instruments TMS320VC5416 Datasheet HTML 48Page - Texas Instruments TMS320VC5416 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
www.ti.com
3.15
Memory-Mapped Registers
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 3-14. Device ID Register (CSIDR) Bits
BIT
FUNCTION
15-8
Chip ID (hex code of 16)
7-4
Chip revision ID
3-0
Subsystem ID (0000b for single core devices)
The device has 27 memory-mapped CPU registers, which are mapped in data memory space address 0h
to 1Fh. Each device also has a set of memory-mapped registers associated with peripherals. Table 3-15
gives a list of CPU memory-mapped registers (MMRs) available. Table 3-16 shows additional peripheral
MMRs associated with the device.
Table 3-15. CPU Memory-Mapped Registers
ADDRESS
NAME
DESCRIPTION
DEC
HEX
IMR
0
0
Interrupt mask register
IFR
1
1
Interrupt flag register
—
2-5
2-5
Reserved for testing
ST0
6
6
Status register 0
ST1
7
7
Status register 1
AL
8
8
Accumulator A low word (15-0)
AH
9
9
Accumulator A high word (31-16)
AG
10
A
Accumulator A guard bits (39-32)
BL
11
B
Accumulator B low word (15-0)
BH
12
C
Accumulator B high word (31-16)
BG
13
D
Accumulator B guard bits (39-32)
TREG
14
E
Temporary register
TRN
15
F
Transition register
AR0
16
10
Auxiliary register 0
AR1
17
11
Auxiliary register 1
AR2
18
12
Auxiliary register 2
AR3
19
13
Auxiliary register 3
AR4
20
14
Auxiliary register 4
AR5
21
15
Auxiliary register 5
AR6
22
16
Auxiliary register 6
AR7
23
17
Auxiliary register 7
SP
24
18
Stack pointer register
BK
25
19
Circular buffer size register
BRC
26
1A
Block repeat counter
RSA
27
1B
Block repeat start address
REA
28
1C
Block repeat end address
PMST
29
1D
Processor mode status (PMST) register
XPC
30
1E
Extended program page register
—
31
1F
Reserved
Functional Overview
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com