Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 87Page - Texas Instruments TMS320VC5416 Datasheet HTML 88Page - Texas Instruments TMS320VC5416 Datasheet HTML 89Page - Texas Instruments TMS320VC5416 Datasheet HTML 90Page - Texas Instruments TMS320VC5416 Datasheet HTML 91Page - Texas Instruments TMS320VC5416 Datasheet HTML 92Page - Texas Instruments TMS320VC5416 Datasheet HTML 93Page - Texas Instruments TMS320VC5416 Datasheet HTML 94Page - Texas Instruments TMS320VC5416 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
www.ti.com
tc(DSH−DSH)
tw(DSH)
tsu(HBV−DSL)
tw(DSL)
th(DSL−HBV)
tsu(HAV−DSL)
th(DSH−HDV)R
tv(HYH−HDV)
td(DSL−HYL)
HCS
HDS
HR/W
HA[17:0]
HD[15:0]
HRDY
Valid Address
Data
Valid Address
tsu(HBV−DSL)
th(DSL−HBV)
td(DSL−HDV1)
Data
td(DSL−HDV1)
tv(HYH−HDV)
th(DSH−HDV)R
td(DSL−HYL)
th(DSH−HAV)
td(DSL−HDD)
td(DSL−HDD)
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 5-35. HPI16 Mode Switching Characteristics
5416-120
5416-160
PARAMETER
UNIT
MIN
MAX
td(DSL-HDD)
Delay time, DS low to HD driven
0
10
Case 1a: Memory accesses initiated immediately following a write
48P + 20 – tw(DSH)
when DMAC is active in 32-bit mode and tw(DSH) was < 26P
Case 1b: Memory access not immediately following a write when
24P + 20
DMAC is active in 32-bit mode
Case 1c: Memory accesses initiated immediately following a write
Delay time, DS
32P + 20 – tw(DSH)
when DMAC is active in 16-bit mode and tw(DSH) was < 18P
ns
low to HD valid
td(DSL-HDV1)
for first word of Case 1d: Memory accesses not immediately following a write when
16P + 20
an HPI read
DMAC is active in 16-bit mode
Case 2a: Memory accesses initiated immediately following a write
20P + 20 – tw(DSH)
when DMAC is inactive and tw(DSH) was < 10P
Case 2b: Memory accesses not immediately following a write when
10P + 20
DMAC is inactive
Memory writes when no DMA is active
10P + 5
Delay time, DS
td(DSH-HYH)
high to HRDY
Memory writes with one or more 16-bit DMA channels active
16P + 5
ns
high
Memory writes with one or more 32-bit DMA channels active
24P + 5
tv(HYH-HDV)
Valid time, HD valid after HRDY high
7
ns
th(DSH-HDV)R
Hold time, HD valid after DS rising edge, read
1
6
ns
td(COH-HYH)
Delay time, CLKOUT rising edge to HRDY high
5
ns
td(DSL-HYL)
Delay time, DS low to HRDY low
12
ns
td(DSH-HYL)
Delay time, DS high to HRDY low
12
ns
Figure 5-32. Nonmultiplexed Read Timings
Electrical Specifications
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com