Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 63Page - Texas Instruments TMS320VC5416 Datasheet HTML 64Page - Texas Instruments TMS320VC5416 Datasheet HTML 65Page - Texas Instruments TMS320VC5416 Datasheet HTML 66Page - Texas Instruments TMS320VC5416 Datasheet HTML 67Page - Texas Instruments TMS320VC5416 Datasheet HTML 68Page - Texas Instruments TMS320VC5416 Datasheet HTML 69Page - Texas Instruments TMS320VC5416 Datasheet HTML 70Page - Texas Instruments TMS320VC5416 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
www.ti.com
5.5.5
Ready Timing for Externally Generated Wait States
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 5-13 and Table 5-14 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5-10, Figure 5-11, Figure 5-12, and Figure 5-13).
Table 5-13. Ready Timing Requirements for Externally Generated Wait States
(1)
5416-120
5416-160
UNIT
MIN
MAX
tsu(RDY)
Setup time, READY before CLKOUT low
7
ns
th(RDY)
Hold time, READY after CLKOUT low
0
ns
tv(RDY)MSTRB
Valid time, READY after MSTRB low(2)
4H – 4
ns
th(RDY)MSTRB
Hold time, READY after MSTRB low(2)
4H
ns
tv(RDY)IOSTRB
Valid time, READY after IOSTRB low(2)
4H – 4
ns
th(RDY)IOSTRB
Hold time, READY after IOSTRB low(2)
4H
ns
(1)
The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states
by READY, as least two software wait states must be programmed. READY is not sampled until the completion of the internal software
wait states.
(2)
These timings are included for reference only. The critical timings for READY are those referenced to CLKOUT.
Table 5-14. Ready Switching Characteristics for Externally Generated Wait States
(1)
5416-120
5416-160
PARAMETER
UNIT
MIN
MAX
td(MSCL)
Delay time, CLKOUT low to MSC low
0
4
ns
td(MSCH)
Delay time, CLKOUT low to MSC high
0
4
ns
(1)
The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states
by READY, as least two software wait states must be programmed. READY is not sampled until the completion of the internal software
wait states.
67
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com