Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 37Page - Texas Instruments TMS320VC5416 Datasheet HTML 38Page - Texas Instruments TMS320VC5416 Datasheet HTML 39Page - Texas Instruments TMS320VC5416 Datasheet HTML 40Page - Texas Instruments TMS320VC5416 Datasheet HTML 41Page - Texas Instruments TMS320VC5416 Datasheet HTML 42Page - Texas Instruments TMS320VC5416 Datasheet HTML 43Page - Texas Instruments TMS320VC5416 Datasheet HTML 44Page - Texas Instruments TMS320VC5416 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
www.ti.com
3.12.6
DMA in Autoinitialization Mode
3.12.7
DMA Transfer Counting
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The DMA can automatically reinitialize itself after completion of a block transfer. Some of the DMA
registers can be preloaded for the next block transfer through the DMA reload registers (DMGSA,
DMGDA, DMGCR, and DMGFR). Autoinitialization allows:
• Continuous operation: Normally, the CPU would have to reinitialize the DMA immediately after the
completion of the current block transfers, but with the reload registers, it can reinitialize these values
for the next block transfer any time after the current block transfer begins.
• Repetitive operation:The CPU does not preload the reload register with new values for each block
transfer but only loads them on the first block transfer.
The DMA has been enhanced to expand the DMA reload register sets. Each DMA channel now has its
own DMA reload register set. For example, the DMA reload register set for channel 0 has DMGSA0,
DMGDA0, DMGCR0, and DMGFR0 while DMA channel 1 has DMGSA1, DMGDA1, DMGCR1, and
DMGFR1, etc.
To utilize the additional DMA reload registers, the AUTOIX bit is added to the DMPREC register as shown
in Figure 3-19.
15
14
13
8
FREE
AUTOIX
DPRC[5:0]
7
6
5
0
IOSEL
DE[5:0]
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-19. DMPREC Register
Table 3-10. DMA Reload Register Selection
AUTOIX
DMA RELOAD REGISTER USAGE IN AUTO INIT MODE
0 (default)
All DMA channels use DMGSA0, DMGDA0, DMGCR0 and DMGFR0
1
Each DMA channel uses its own set of reload registers
The DMA channel element count register (DMCTRx) and the frame count register (DMFRCx) contain bit
fields that represent the number of frames and the number of elements per frame to be transferred.
• Frame count. This 8-bit value defines the total number of frames in the block transfer. The maximum
number of frames per block transfer is 128 (FRAME COUNT= 0FFh). The counter is decremented
upon the last read transfer in a frame transfer. Once the last frame is transferred, the selected 8-bit
counter is reloaded with the DMA global frame reload register (DMGFR) if the AUTOINIT bit is set to 1.
A frame count of 0 (default value) means the block transfer contains a single frame.
• Element count. This 16-bit value defines the number of elements per frame. This counter is
decremented after the read transfer of each element. The maximum number of elements per frame is
65536 (DMCTRn = 0FFFFh). In autoinitialization mode, once the last frame is transferred, the counter
is reloaded with the DMA global count reload register (DMGCR).
Functional Overview
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com