Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 15Page - Texas Instruments TMS320VC5416 Datasheet HTML 16Page - Texas Instruments TMS320VC5416 Datasheet HTML 17Page - Texas Instruments TMS320VC5416 Datasheet HTML 18Page - Texas Instruments TMS320VC5416 Datasheet HTML 19Page - Texas Instruments TMS320VC5416 Datasheet HTML 20Page - Texas Instruments TMS320VC5416 Datasheet HTML 21Page - Texas Instruments TMS320VC5416 Datasheet HTML 22Page - Texas Instruments TMS320VC5416 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
www.ti.com
3.3
On-Chip RAM
3.4
On-Chip Memory Security
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The standard on-chip ROM layout is shown in Table 3-1.
Table 3-1. Standard On-Chip ROM Layout
ADDRESS RANGE
DESCRIPTION
C000h-D4FFh
ROM tables for the GSM EFR speech codec
D500h-F7FFh
Reserved
F800h-FBFFh
Bootloader
FC00h-FCFFh
µ-Law expansion table
FD00h-FDFFh
A-Law expansion table
FE00h-FEFFh
Sine look-up table
FF00h-FF7Fh
Reserved(1)
FF80h-FFFFh
Interrupt vector table
(1)
In the ROM, 128 words are reserved for factory device-testing purposes. Application code to be implemented in on-chip ROM must
reserve these 128 words at addresses FF00h-FF7Fh in program space.
The device contains 64K-word
× 16-bit of on-chip dual-access RAM (DARAM) and 64K-word × 16-bit of
on-chip single-access RAM (SARAM).
The DARAM is composed of eight blocks of 8K words each. Each block in the DARAM can support two
reads in one cycle, or a read and a write in one cycle. Four blocks of DARAM are located in the address
range 0080h-7FFFh in data space, and can be mapped into program/data space by setting the OVLY bit
to one. The other four blocks of DARAM are located in the address range 18000h-1FFFFh in program
space. The DARAM located in the address range 18000h-1FFFFh in program space can be mapped into
data space by setting the DROM bit to one.
The SARAM is composed of eight blocks of 8K words each. Each of these eight blocks is a single-access
memory. For example, an instruction word can be fetched from one SARAM block in the same cycle as a
data word is written to another SARAM block. The SARAM is located in the address range
28000h-2FFFFh, and 38000h-3FFFFh in program space.
The device has a maskable option to protect the contents of on-chip memories.
When the RAM/ROM security option is selected, the following restrictions apply:
• Only the on-chip ROM originating instructions can read the contents of the on-chip ROM; on-chip RAM
and external RAM originating instruction can not read data from ROM: instead 0FFFFh is read. Code
can still branch to ROM from on-chip RAM or external program memory.
• The contents of on-chip RAM can be read by all instructions, even by instructions fetched from external
memory. To protect the internal RAM, the user must never branch to external memory.
• The security feature completely disables the scan-based emulation capability of the 54x to prevent the
use of a debugger utility. This only affects emulation and does not prevent the use of the JTAG
boundary scan test capability.
• The device is internally forced into microcomputer mode at reset (MP/MC bit forced to zero),
preventing the ROM from being disabled by the external MP/MC pin. The status of the MP/MC bit in
the PMST register can be changed after reset by the user application.
• HPI writes have no restriction, but HPI reads are restricted to the 4000h - 5FFFh address range.
Functional Overview
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com