Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 38Page - Texas Instruments TMS320VC5416 Datasheet HTML 39Page - Texas Instruments TMS320VC5416 Datasheet HTML 40Page - Texas Instruments TMS320VC5416 Datasheet HTML 41Page - Texas Instruments TMS320VC5416 Datasheet HTML 42Page - Texas Instruments TMS320VC5416 Datasheet HTML 43Page - Texas Instruments TMS320VC5416 Datasheet HTML 44Page - Texas Instruments TMS320VC5416 Datasheet HTML 45Page - Texas Instruments TMS320VC5416 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
www.ti.com
3.12.8
DMA Transfer in Doubleword Mode
3.12.9
DMA Channel Index Registers
3.12.10
DMA Interrupts
3.12.11
DMA Controller Synchronization Events
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Doubleword mode allows the DMA to transfer 32-bit words in any index mode. In doubleword mode, two
consecutive 16-bit transfers are initiated and the source and destination addresses are automatically
updated following each transfer. In this mode, each 32-bit word is considered to be one element.
The particular DMA channel index register is selected by way of the SIND and DIND fields in the DMA
transfer mode control register (DMMCRn). Unlike basic address adjustment, in conjunction with the frame
index DMFRI0 and DMFRI1, the DMA allows different adjustment amounts depending on whether or not
the element transfer is the last in the current frame. The normal adjustment value (element index) is
contained in the element index registers DMIDX0 and DMIDX1. The adjustment value (frame index) for
the end of the frame, is determined by the selected DMA frame index register, either DMFRI0 or DMFRI1.
The element index and the frame index affect address adjustment as follows:
• Element index: For all except the last transfer in the frame, the element index determines the amount
to be added to the DMA channel for the source/destination address register (DMSRCx/DMDSTx) as
selected by the SIND/DIND bits.
• Frame index: If the transfer is the last in a frame, frame index is used for address adjustment as
selected by the SIND/DIND bits. This occurs in both single-frame and multiframe transfers.
The ability of the DMA to interrupt the CPU based on the status of the data transfer is configurable and is
determined by the IMOD and DINM bits in the DMA transfer mode control register (DMMCRn). The
available modes are shown in Table 3-11.
Table 3-11. DMA Interrupts
MODE
DINM
IMOD
INTERRUPT
ABU (non-decrement)
1
0
At full buffer only
ABU (non-decrement)
1
1
At half buffer and full buffer
Multiframe
1
0
At block transfer complete (DMCTRn = DMSEFCn[7:0] = 0)
Multiframe
1
1
At end of frame and end of block (DMCTRn = 0)
Either
0
X
No interrupt generated
Either
0
X
No interrupt generated
The transfers associated with each DMA channel can be synchronized to one of several events. The
DSYN bit field of the DMSEFCn register selects the synchronization event for a channel. The list of
possible events and the DSYN values are shown in Table 3-12.
Table 3-12. DMA Synchronization Events
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0000b
No synchronization used
0001b
McBSP0 receive event
0010b
McBSP0 transmit event
0011b
McBSP2 receive event
0100b
McBSP2 transmit event
42
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com