Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 16Page - Texas Instruments TMS320VC5416 Datasheet HTML 17Page - Texas Instruments TMS320VC5416 Datasheet HTML 18Page - Texas Instruments TMS320VC5416 Datasheet HTML 19Page - Texas Instruments TMS320VC5416 Datasheet HTML 20Page - Texas Instruments TMS320VC5416 Datasheet HTML 21Page - Texas Instruments TMS320VC5416 Datasheet HTML 22Page - Texas Instruments TMS320VC5416 Datasheet HTML 23Page - Texas Instruments TMS320VC5416 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
www.ti.com
3.5
Memory Map
Reserved
(OVLY = 1)
External
(OVLY = 0)
Page 0 Program
Hex
Data
On-Chip
DARAM0−3
(OVLY = 1)
External
(OVLY = 0)
MP/MC= 0
(Microcomputer Mode)
MP/MC= 1
(Microprocessor Mode)
0000
007F
0080
FFFF
Interrupts
(External)
FF80
Memory-Mapped
Registers
On-Chip
DARAM0−3
(32K x 16-bit)
On-Chip
DARAM4−7
(DROM=1)
or
External
(DROM=0)
0080
FFFF
FF7F
0060
007F
0000
Hex
External
Scratch-Pad
RAM
005F
On-Chip ROM
(4K x 16-bit)
Interrupts
(On-Chip)
7FFF
8000
Page 0 Program
Hex
0000
007F
0080
FFFF
Reserved
(OVLY = 1)
External
(OVLY = 0)
FF80
FF7F
External
7FFF
8000
Reserved
FF00
FEFF
C000
BFFF
8000
7FFF
On-Chip
DARAM0−3
(OVLY = 1)
External
(OVLY = 0)
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
If the ROM-only security option is selected the following restrictions apply:
• Only the on-chip ROM originating instructions can read the contents of the on-chip ROM; on-chip RAM
and external RAM originating instruction cannot read data from ROM: instead 0FFFFh is read. Code
can still branch to ROM from on-chip RAM or external program memory.
• The contents of on-chip RAM can be read by all instructions, even by instructions fetched from external
memory. To protect the internal RAM the user must never branch to external memory.
• The security feature completely disables the scan-based emulation capability of the 54x to prevent the
use of a debugger utility. This only affects emulation and does not prevent the use of the JTAG
boundary scan test capability.
• The device can be started in either microcomputer mode or microprocessor mode at reset (depends on
the MP/MC pin).
• HPI read and writes have no restriction.
The program and data memory map is shown in Figure 3-2. Address ranges for on-chip DARAM in data
memory are:
• DARAM0: 0080h-1FFFh
• DARAM1: 2000h-3FFFh
• DARAM2: 4000h-5FFFh
• DARAM3: 6000h-7FFFh
• DARAM4: 8000h-9FFFh
• DARAM5: A000h-BFFFh
• DARAM6: C000h-DFFFh
• DARAM7: E000h-FFFFh
Figure 3-2. Program and Data Memory Map
20
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com