Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 79Page - Texas Instruments TMS320VC5416 Datasheet HTML 80Page - Texas Instruments TMS320VC5416 Datasheet HTML 81Page - Texas Instruments TMS320VC5416 Datasheet HTML 82Page - Texas Instruments TMS320VC5416 Datasheet HTML 83Page - Texas Instruments TMS320VC5416 Datasheet HTML 84Page - Texas Instruments TMS320VC5416 Datasheet HTML 85Page - Texas Instruments TMS320VC5416 Datasheet HTML 86Page - Texas Instruments TMS320VC5416 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
www.ti.com
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
BCLKX
BFSX
BDX
BDR
td(BFXL-BCKXH)
tdis(BCKXL-BDXHZ)
td(BCKXL-BDXV)
th(BCKXH-BDRV)
tsu(BDRV-BCKXL)
td(BFXL-BDXV)
th(BCKXL-BFXL)
LSB
MSB
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
Table 5-26. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 0)
(1)
5416-120
5416-160
UNIT
MASTER
SLAVE
MIN
MAX
MIN
MAX
tsu(BDRV-BCKXL)
Setup time, BDR valid before BCLKX low
12
2 – 6P(2)
ns
th(BCKXH-BDRV)
Hold time, BDR valid after BCLKX high
4
5 + 12P(2)
ns
(1)
For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
(2)
P = 0.5 * processor clock.
Table 5-27. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 11b, CLKXP = 0)
(1)
5416-120
5416-160
PARAMETER
UNIT
MASTER(2)
SLAVE
MIN
MAX
MIN
MAX
th(BCKXL-BFXL)
Hold time, BFSX low after BCLKX low(3)
C –3
C + 4
ns
td(BFXL-BCKXH)
Delay time, BFSX low to BCLKX high(4)
T – 4
T + 3
ns
td(BCKXL-BDXV)
Delay time, BCLKX low to BDX valid
– 4
5
6P + 2(5)
10P + 17(5)
ns
Disable time, BDX high impedance following last data bit from
tdis(BCKXL-BDXHZ)
– 2
4
6P – 4(5)
10P + 17(5)
ns
BCLKX low
D –
td(BFXL-BDXV)
Delay time, BFSX low to BDX valid
D + 4
4P + 2(5)
8P + 17(5)
ns
2
(1)
For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
(2)
T = BCLKX period = (1 + CLKGDV) * 2P
C = BCLKX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) *2P when CLKGDV is even
D = BCLKX high pulse width = T/2 when CLKGDV is odd or zero and (CLKGDV/2 + 1) * 2P when CLKGDV is even
(3)
FSRP = FSXP = 1. As a SPI master, BFSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input
on BFSX and BFSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FRSRM = 2 for master McBSP
CLKXM = CLKRm = FSXM = FSRM = 0 for slave McBSP
(4)
BFSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the
master clock (BCLKX).
(5)
P = 0.5 * processor clock.
Figure 5-25. McBSP Timing as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0
Electrical Specifications
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com