Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  TMS320VC5416 Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5416 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 43Page - Texas Instruments TMS320VC5416 Datasheet HTML 44Page - Texas Instruments TMS320VC5416 Datasheet HTML 45Page - Texas Instruments TMS320VC5416 Datasheet HTML 46Page - Texas Instruments TMS320VC5416 Datasheet HTML 47Page - Texas Instruments TMS320VC5416 Datasheet HTML 48Page - Texas Instruments TMS320VC5416 Datasheet HTML 49Page - Texas Instruments TMS320VC5416 Datasheet HTML 50Page - Texas Instruments TMS320VC5416 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
www.ti.com
3.16
McBSP Control Registers and Subaddresses
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095O – MARCH 1999 – REVISED JANUARY 2005
The control registers for the multichannel buffered serial port (McBSP) are accessed using the subbank
addressing scheme. This allows a set or subbank of registers to be accessed through a single memory
location. The McBSP subbank address register (SPSA) is used as a pointer to select a particular register
within the subbank. The McBSP data register (SPSDx) is used to access (read or write) the selected
register. Table 3-17 shows the McBSP control registers and their corresponding subaddresses.
Table 3-17. McBSP Control Registers and Subaddresses
McBSP0
McBSP1
McBSP2
SUB- AD-
DESCRIPTION
DRESS
NAME
ADDRESS
NAME
ADDRESS
NAME
ADDRESS
SPCR10
39h
SPCR11
49h
SPCR12
35h
00h
Serial port control register 1
SPCR20
39h
SPCR21
49h
SPCR22
35h
01h
Serial port control register 2
RCR10
39h
RCR11
49h
RCR12
35h
02h
Receive control register 1
RCR20
39h
RCR21
49h
RCR22
35h
03h
Receive control register 2
XCR10
39h
XCR11
49h
XCR12
35h
04h
Transmit control register 1
XCR20
39h
XCR21
49h
XCR22
35h
05h
Transmit control register 2
SRGR10
39h
SRGR11
49h
SRGR12
35h
06h
Sample rate generator register 1
SRGR20
39h
SRGR21
49h
SRGR22
35h
07h
Sample rate generator register 2
MCR10
39h
MCR11
49h
MCR12
35h
08h
Multichannel control register 1
MCR20
39h
MCR21
49h
MCR22
35h
09h
Multichannel control register 2
RCERA0
39h
RCERA1
49h
RCERA2
35h
0Ah
Receive channel enable register partition A
RCERB0
39h
RCERB1
49h
RCERA2
35h
0Bh
Receive channel enable register partition B
XCERA0
39h
XCERA1
49h
XCERA2
35h
0Ch
Transmit channel enable register partition A
XCERB0
39h
XCERB1
49h
XCERA2
35h
0Dh
Transmit channel enable register partition B
PCR0
39h
PCR1
49h
PCR2
35h
0Eh
Pin control register
Additional channel enable register for
RCERC0
39h
RCERC1
49h
RCERC2
35h
010h
128-channel selection
Additional channel enable register for
RCERD0
39h
RCERD1
49h
RCERD2
35h
011h
128-channel selection
Additional channel enable register for
XCERC0
39h
XCERC1
49h
XCERC2
35h
012h
128-channel selection
Additional channel enable register for
XCERD0
39h
XCERD1
49h
XCERD2
35h
013h
128-channel selection
Additional channel enable register for
RCERE0
39h
RCERE1
49h
RCERE2
35h
014h
128-channel selection
Additional channel enable register for
RCERF0
39h
RCERF1
49h
RCERF2
35h
015h
128-channel selection
Additional channel enable register for
XCERE0
39h
XCERE1
49h
XCERE2
35h
016h
128-channel selection
Additional channel enable register for
XCERF0
39h
XCERF1
49h
XCERF2
35h
017h
128-channel selection
Additional channel enable register for
RCERG0
39h
RCERG1
49h
RCERG2
35h
018h
128-channel selection
Additional channel enable register for
RCERH0
39h
RCERH1
49h
RCERH2
35h
019h
128-channel selection
Additional channel enable register for
XCERG0
39h
XCERG1
49h
XCERG2
35h
01Ah
128-channel selection
Additional channel enable register for
XCERH0
39h
XCERH1
49h
XCERH2
35h
01Bh
128-channel selection
Functional Overview
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com