| Electronic Components Datasheet Search |
|
TMS320VC5416 Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5416 Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 98 page ![]() www.ti.com th(BCKXH-BDRV) tdis(BFXH-BDXHZ) tdis(BCKXH-BDXHZ) Bit 0 Bit(n-1) (n-2) (n-3) (n-4) Bit 0 Bit(n-1) (n-2) (n-3) (n-4) BCLKX BFSX BDX BDR td(BFXL-BCKXL) td(BFXL-BDXV) td(BCKXL-BDXV) tsu(BDRV-BCKXH) th(BCKXH-BFXL) LSB MSB TMS320VC5416 Fixed-Point Digital Signal Processor SPRS095O – MARCH 1999 – REVISED JANUARY 2005 Table 5-28. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 1) (1) 5416-120 5416-160 UNIT MASTER SLAVE MIN MAX MIN MAX tsu(BDRV-BCKXH) Setup time, BDR valid before BCLKX high 12 2 – 6P(2) ns th(BCKXH-BDRV) Hold time, BDR valid after BCLKX high 4 5 + 12P(2) ns (1) For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1. (2) P = 0.5 * processor clock. Table 5-29. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 10b, CLKXP = 1) (1) 5416-120 5416-160 PARAMETER UNIT MASTER(2) SLAVE MIN MAX MIN MAX th(BCKXH-BFXL) Hold time, BFSX low after BCLKX high(3) T – 3 T + 4 ns td(BFXL-BCKXL) Delay time, BFSX low to BCLKX lowTNote9543(4) D – 4 D + 3 ns td(BCKXL-BDXV) Delay time, BCLKX low to BDX valid – 4 5 6P + 2(5) 10P + 17(5) ns Disable time, BDX high impedance following last data bit from tdis(BCKXH-BDXHZ) D – 2 D + 3 ns BCLKX high Disable time, BDX high impedance following last data bit from tdis(BFXH-BDXHZ) 2P – 4(5) 6P + 17(5) ns BFSX high td(BFXL-BDXV) Delay time, BFSX low to BDX valid 4P + 2(5) 8P + 17(5) ns (1) For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1. (2) T = BCLKX period = (1 + CLKGDV) * 2P D = BCLKX high pulse width = T/2 when CLKGDV is odd or zero and (CLKGDV/2 + 1) * 2P when CLKGDV is even (3) FSRP = FSXP = 1. As a SPI master, BFSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on BFSX and BFSR is inverted before being used internally. CLKXM = FSXM = 1, CLKRM = FRSRM = 2 for master McBSP CLKXM = CLKRm = FSXM = FSRM = 0 for slave McBSP (4) BFSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock (BCLKX). (5) P = 0.5 * processor clock. Figure 5-26. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1 84 Electrical Specifications |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |