Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP83820 Datasheet HTML 1Page - National Semiconductor (TI) DP83820 Datasheet HTML 2Page - National Semiconductor (TI) DP83820 Datasheet HTML 3Page - National Semiconductor (TI) DP83820 Datasheet HTML 4Page - National Semiconductor (TI) DP83820 Datasheet HTML 5Page - National Semiconductor (TI) DP83820 Datasheet HTML 6Page - National Semiconductor (TI) DP83820 Datasheet HTML 7Page - National Semiconductor (TI) DP83820 Datasheet HTML 8Page - National Semiconductor (TI) DP83820 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
3
www.national.com
2.0 Pin Descriptions
PCI Interface
Symbol
Pin No(s)
Direction
Description
AD31-0
188, 189, 190,
191, 192, 193,
194, 195, 199,
200, 202, 203,
204, 207, 208,
1, 14, 15, 17,
18, 19, 21, 22,
23, 25, 26, 28,
29, 31, 32, 33,
34
I/O
Address and Data: Multiplexed address and data bus. As a bus master, the
DP83820 will drive address during the first bus phase. During subsequent
phases, the DP83820 will either read or write data expecting the target to
increment its address pointer. As a bus target, the DP83820 will decode each
address on the bus and respond if it is the target being addressed.
CBEN3-0
197, 2, 13, 24
I/O
Bus Command/Byte Enable: During the address phase these signals define
the “bus command” or the type of bus transaction that will take place. During the
data phase these pins indicate which byte lanes contain valid data. CBEN0
applies to byte 0 (bits 7-0) and CBEN3 applies to byte 3(bits 31-24).
PCICLK
176
I
Clock: This PCI Bus clock provides timing for all bus phases. The rising edge
defines the start of each phase. The clock frequency ranges from 0 to 66 MHz.
DEVSELN
8
I/O
Device Select: As a target, the DP83820 asserts this signal low when it
recognizes its address after FRAMEN is asserted. As a bus master, the
DP83820 samples this signal to insure that the destination address for the data
transfer is recognized by a PCI target.
FRAMEN
4
I/O
Frame: As a bus master, this signal is asserted low to indicate the beginning
and duration of a bus transaction. Data transfer takes place when this signal is
asserted. It is de-asserted before the transaction is in its final phase. As a
target, the device monitors this signal before decoding the address to check if
the current transaction is addressed to it.
GNTN
185
I
Grant: This signal is asserted low to indicate to the DP83820 that it has been
granted ownership of the bus by the central arbiter. This input is used when the
DP83820 is acting as a bus master.
IDSEL
198
I
Initialization Device Select: This pin is sampled by the DP83820 to identify
when configuration read and write accesses are intended for it.
INTAN
183
O
Interrupt A: This signal is asserted low when an interrupt condition as defined
in the Interrupt Status Register, Interrupt Mask, and Interrupt Enable registers
occurs.
IRDYN
5
I/O
Initiator Ready: As a bus master, this signal will be asserted low when the
DP83820 is ready to complete the current data phase transaction. This signal is
used in conjunction with the TRYDN signal. Data transaction takes place at the
rising edge of PCICLK when both IRDYN and TRDYN are asserted low. As a
target, this signal indicates that the master has put the data on the bus.
PAR
12
I/O
Parity: This signal indicates even parity across AD31-0 and CBEN3-0 including
the PAR pin. As a master, PAR is asserted during address and write data
phases. As a target, PAR is asserted during read data phases.
PERRN
10
I/O
Parity Error: The DP83820 as a master or target will assert this signal low to
indicate a parity error on any incoming data (except for special cycles). As a bus
master, it will monitor this signal on all write operations (except for special
cycles).
REQN
186
O
Request: The DP83820 will assert this signal low to request the ownership of
the bus to the central arbiter.
RSTN
184
I
Reset: When this signal is asserted all outputs of DP83820 will be tri-stated
and the device will be put into a known state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com