Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 63Page - National Semiconductor (TI) DP83820 Datasheet HTML 64Page - National Semiconductor (TI) DP83820 Datasheet HTML 65Page - National Semiconductor (TI) DP83820 Datasheet HTML 66Page - National Semiconductor (TI) DP83820 Datasheet HTML 67Page - National Semiconductor (TI) DP83820 Datasheet HTML 68Page - National Semiconductor (TI) DP83820 Datasheet HTML 69Page - National Semiconductor (TI) DP83820 Datasheet HTML 70Page - National Semiconductor (TI) DP83820 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
67
www.national.com
4.0 Register Set (Continued)
4.2.33 Receive Descriptor Pointer 3 Register
This register points to the Receive Descriptor for Priority Queue 3 (highest priority).
4.2.34 VLAN/IP Receive Control Register
This register allows enabling of the various VLAN tag handling features and IP Checksum offload features.
Tag: RXDP3
Size: 32 bits
Hard Reset: 00000000h
Offset: 00B8h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
RXDP3
Receive
Descriptor Pointer
3
The current value of the receive descriptor pointer for Priority Queue 3. Packets will be
stored in Priority Queue 3 based on the number of priority queues enabled and the
priority field in the VLAN tag. When the receive state machine is idle, software must set
RXDP3 to the address of an available receive descriptor, and then enable the queue by
writing to the RXE bit in the CR with the RXPRI[3] bit set. While the receive state machine
is active, RXDP3 will follow the state machine as it advances through a linked list of
available descriptors. If the link field of the current receive descriptor is NULL (signifying
the end of the list), RXDP3 will not advance, but will remain on the current descriptor. Any
subsequent writes to the RXE bit of the CR register will cause the receive state machine
to reread the link field of the current descriptor to check for new descriptors that may have
been appended to the end of the list. Software should not write to this register unless the
receive state machine is idle. Receive descriptors must be aligned on 64-bit boundaries
(A2-A0 must be zero).
2-0
unused
Tag: VRCR
Size: 32 bits
Hard Reset: 00000000h
Offset: 00BCh
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-8
unused
7
RUDPE
Reject UDP
Checksum Errors
When set to 1, all packets with UDP headers that have errors in the UDP checksum field
will be rejected. If IPEN is 0, this bit will be ignored.
6
RTCPE
Reject TCP
Checksum Errors
When set to 1, all packets with TCP headers that have errors in the TCP checksum field
will be rejected. If IPEN is 0, this bit will be ignored.
5
RIPE
Reject IP
Checksum Errors
When set to 1, all packets with IP headers that have errors in the IP checksum field will be
rejected. If IPEN is 0, this bit will be ignored.
4
IPEN
IP Checksum
Enable
When set to a 1, the receiver will detect IP, TCP, and UDP headers, and validate the
checksum fields.
3
DUTF
Discard Untagged
Frames
Receiver will discard any frames without a1 VLAN tag.
2
DVTF
Discard VLAN
Tagged Frames
Receiver will discard any frames with a VLAN tag.
1
VTREN
VLAN Tag
Removal Enable
Enables stripping of the VLAN tag upon detection. If VTDEN is not set, then this bit will
have no effect.
0
VTDEN
VLAN Tag
Detection Enable
Enable detection of VLAN packets based on VLAN type field as configured in the VLAN
Data Register. VLAN status, including user_priority, CFI and VID fields, will be posted in
the EXTSTS field of the receive packet descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com