Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 2Page - National Semiconductor (TI) DP83820 Datasheet HTML 3Page - National Semiconductor (TI) DP83820 Datasheet HTML 4Page - National Semiconductor (TI) DP83820 Datasheet HTML 5Page - National Semiconductor (TI) DP83820 Datasheet HTML 6Page - National Semiconductor (TI) DP83820 Datasheet HTML 7Page - National Semiconductor (TI) DP83820 Datasheet HTML 8Page - National Semiconductor (TI) DP83820 Datasheet HTML 9Page - National Semiconductor (TI) DP83820 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
6
www.national.com
2.0 Pin Descriptions (Continued)
TXD7/MA15,
TXD6/MA14,
TXD5/MA13,
TXD4/MA12,
TXD3/MA11,
TXD2/MA10,
TXD1/MA9,
TXD0/MA8
152,
151,
148,
147,
146,
145,
142,
141
O
Gigabit Transmit Data: This is a group of 8 signals which are driven
synchronous to GTXCLK. TXD7 is the most significant bit.
Transmit Data: This is a group of 4 data signals which are driven synchronous
to the TXCLK for transmission to the external PMD. TXD3 is the most significant
bit and TXD0 is the least significant bit. TXD7 through TXD4 are not used in this
mode
TBI Transmit Data: In TBI mode, this is the lower 8 bits of the 10-bit TBI
Transmit data.
BIOS ROM Address: During external BIOS ROM access, these signals
become part of the ROM address.
TXEN/TXD8
153
O
Transmit Enable: This signal is synchronous to TXCLK and provides precise
framing for data carried on TXD3-0 for the external PMD. It is asserted when
TXD3-0 contains valid data to be transmitted.
TBI Transmit Data: In TBI mode, this is TXD8 of the 10-bit TBI Transmit data.
TXER/TXD9
154
O
Transmit Error: This signal is synchronous to TXCLK and provides error
indications and also is used for 1000 Mb/s half-duplex carrier extension and
packet bursting functions. The DP83820 will only assert this signal in 1000 Mb/s
mode of operation.
TBI Transmit Data: In TBI mode, this is TXD9 of the 10-bit TBI Transmit data.
GTXCLK/
TXPMACLK
140
O
GMII transmit Clock: A continuous clock used for 1000 Mb/s. It is output to an
external PMD and is the reference clock for Transmit GMII signaling. The clock
frequency is 125 MHz.
TBI Transmit Clock: In TBI mode, this is the 125MHz transmit clock to an
external PMD and is the reference for Transmit TBI signaling.
REF125
137
I
125 MHz Reference Clock: May be optionally connected to a 125 MHz
oscillator for 1000 Mb/s mode. If not used should be tied high.
BIOS ROM/Flash Interface
Symbol
Pin No(s)
Direction
Description
MCSN
92
O
BIOS PROM/Flash Chip Select: During a BIOS ROM/Flash access, this
signal is used to select the ROM device.
MD7, MD6,
MD5, MD4/EEDO,
MD3, MD2,
MD1/CFGDISN,
MD0/PMGDISN
104, 103,
102, 101,
98, 97,
96,
95,
I/O
BIOS ROM/Flash Data Bus: During a BIOS ROM/Flash access these
signals are used to transfer data to or from the ROM/Flash device.
MD5:0 and MD7 pin pads have an internal weak pull up.
MD6 pin pad has an internal weak pull down.
MA15/TXD7,
MA14/TXD6,
MA13/TXD5,
MA12/TXD4,
MA11/TXD3,
MA10/TXD2,
MA9/TXD1,
MA8/TXD0,
MA7, MA6,
MA5, MA4/EECLK,
MA3/EEDI, MA2,
MA1, MA0
152,
151,
148,
147,
146,
145,
142,
141,
114, 113,
112, 109,
108, 107,
106, 105
O
BIOS ROM/Flash Address: During a BIOS ROM/Flash access, these
signals are used to drive the ROM/Flash address.
Media Independent Interface (MII) - and Gigabit Media Independent Interface (GMII).
Symbol
Pin No(s)
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com