Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 39Page - National Semiconductor (TI) DP83820 Datasheet HTML 40Page - National Semiconductor (TI) DP83820 Datasheet HTML 41Page - National Semiconductor (TI) DP83820 Datasheet HTML 42Page - National Semiconductor (TI) DP83820 Datasheet HTML 43Page - National Semiconductor (TI) DP83820 Datasheet HTML 44Page - National Semiconductor (TI) DP83820 Datasheet HTML 45Page - National Semiconductor (TI) DP83820 Datasheet HTML 46Page - National Semiconductor (TI) DP83820 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
43
www.national.com
4.0 Register Set (Continued)
4.2.3 MII/EEPROM Access Register
The MII/EEPROM Access Register provides an interface for software access to the serial management port of an
external MII device or NMC9306 style EEPROM. The default values given assume that the MDIO and EEDO lines have
pullup resistors to VDD.
Tag: MEAR
Size: 32 bits
Hard Reset: 00000012h
Offset: 0008h
Access: Read Write
Soft Reset: 00000012h
bit
tag
description
usage
31-7
unused
6
MDC
MII Management Clock
Read-Write. Controls the value of the MDC pin. When set, the MDC pin is
1, when clear the MDC pin is 0.
5
MDDIR
MII Management Direction
Read-Write. Controls the direction of MDIO pin. When set, MacPhyter3V
drives the current state of the MDIO bit onto the MDIO pin. When clear, the
MDIO bit reflects the current state of the MDIO pin.
4
MDIO
MII Management Data
Read-Write. Provides software access to the MDIO pin (see MDDIR).
3
EESEL
EEPROM Chip Select
Controls the value of the EESEL pin. When set, the EESEL pin is 1; when
clear the EESEL pin is 0. R/W
2
EECLK
EEPROM Serial Clock
Controls the value of the EECLK pin. When set, the EECLK pin is 1; when
clear the EECLK pin is 0. R/W
1
EEDO
EEPROM Data Out
Returns the current state of the EEDO pin. When set, the EEDO pin is 1;
when clear the EEDO pin is 0. RO
0
EEDI
EEPROM Data In
Controls the value of the EEDI pin. R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com