Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 18Page - National Semiconductor (TI) DP83820 Datasheet HTML 19Page - National Semiconductor (TI) DP83820 Datasheet HTML 20Page - National Semiconductor (TI) DP83820 Datasheet HTML 21Page - National Semiconductor (TI) DP83820 Datasheet HTML 22Page - National Semiconductor (TI) DP83820 Datasheet HTML 23Page - National Semiconductor (TI) DP83820 Datasheet HTML 24Page - National Semiconductor (TI) DP83820 Datasheet HTML 25Page - National Semiconductor (TI) DP83820 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
3.0 Functional Description (Continued)
22
www.national.com
3.13.2.1 Single Descriptor Packets
To represent a packet in a single descriptor, the MORE bit in the cmdsts field is set to 0.
Figure 3-10 Single Descriptor Packets
3.13.2.2 Multiple Descriptor Packets
A single packet may also cross descriptor boundaries. This
is indicated by setting the MORE bit in all descriptors
except the last one in the packet. Ethernet inter-networking
applications (bridges, switches, routers, etc.) can optimize
memory utilization by using a single small buffer per
receive descriptor, and allowing the DP83820 hardware to
use the minimum number of buffers necessary to store an
incoming packet.
Figure 3-11 Multiple Descriptor Packets
3.13.2.3 Descriptor Rings
The
simplest
and
recommended
organization
of
descriptors
is
in
a
fixed
ring
implementation.
At
initialization, the driver can set up a fixed list of descriptors
complete with links connecting the descriptors in a ring. All
descriptors will initially be owned by the producer of the
data (the driver for transmit, the DP83820 for receive). The
OWN bit is used by both driver and the DP83820 to
indicate data availability and to release descriptors back to
the producer. When using a descriptor ring, the driver
should never need to modify any fields of a descriptor it
does not own. For transmit, the driver should never assign
all descriptors to the device, reserving one descriptor to
terminate the list, preventing the device from wrapping
completely around the ring.
link
bufptr
MAC hdr
netwk hdr
data
0
64
single descriptor / single fragment
link
bufptr
MAC hdr
netwk hdr
data
1
14
multiple descriptor / single fragment
link
bufptr
1
20
link
bufptr
0
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com