Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 37Page - National Semiconductor (TI) DP83820 Datasheet HTML 38Page - National Semiconductor (TI) DP83820 Datasheet HTML 39Page - National Semiconductor (TI) DP83820 Datasheet HTML 40Page - National Semiconductor (TI) DP83820 Datasheet HTML 41Page - National Semiconductor (TI) DP83820 Datasheet HTML 42Page - National Semiconductor (TI) DP83820 Datasheet HTML 43Page - National Semiconductor (TI) DP83820 Datasheet HTML 44Page - National Semiconductor (TI) DP83820 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
41
www.national.com
4.0 Register Set (Continued)
4.2.2 Configuration and Media Status Register
This register allows configuration of a variety of device and phy options, and provides phy status information.
4
TXR
Transmit Reset
When set to a 1, this bit causes the current transmission to be aborted, the
transmit data and status FIFOs to be flushed, and the transmit state
machine to enter the idle state (TXE goes to 0). This is a write-only bit and
is always read back as 0.
3
RXD
Receiver Disable
Disable the receive state machine after any current packets in progress.
When this operation has been completed the RXE bit will be cleared to 0.
This is a write-only bit and is always read back as 0. If both RXD and RXE
are set in the same write, the RXE will be ignored, and RXD will have
precedence.
2
RXE
Receiver Enable
When set to a 1, and the receive state machine is idle, then the receive
machine becomes active. This bit will read back as a 1 whenever the
receive state machine is active. After initial power-up, software must insure
that the receiver has completely reset before setting this bit (See
ISR:RXRCMP).
1
TXD
Transmit Disable
When set to a 1, halts the transmitter after the completion of the current
packet. This is a write-only bit and is always read back as 0. If both TXD
and TXE are set in the same write, the TXE will be ignored, and TXD will
have precedence.
0
TXE
Transmit Enable
When set to a 1, and the transmit state machine is idle, then the transmit
state machine becomes active. This bit will read back as a 1 whenever the
transmit state machine is active. After initial power-up, software must insure
that the transmitter has completely reset before setting this bit (See
ISR:TXRCMP).
Tag: CFG
Size: 32 bits
Hard Reset: 00000000h
Offset: 0004h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31
LNKSTS
Link Status
Link status of the external phy. Asserted when link is good. RO
30-29
SPDSTS[1:0] Speed Status
Speed status indication from the external phy. SPDSTS[1] indicates the
value of the SPEED1000 input pin. SPDSTS[0] indicates the value of the
SPEED100 input pin. The actual values will depend on the polarity of the
signalling from the physical layer device. RO
28
DUPSTS
Full Duplex Status
Full Duplex status from the physical layer device as indicated by the
GP1DUP input pin. Asserted when duplex mode is set or has negotiated to
FULL. De-asserted when duplex mode has been set or negotiated to HALF.
When GP1_OE is set, this shows the status of the GP1_DUP output. RO
27-25
Reserved
Reserved. RO
24
TBI_EN
Ten-Bit Interface Enable
This bit enables the Ten-Bit Interface for use with 1000 Mb/s fiber devices.
When this bit is set, the MODE_1000 bit should also be set. It is loaded
from EEPROM at power-up. R/W
23
Reserved
Reserved. Must be written as 0. R/W
22
MODE_1000 1000 Mb/s Mode Control
This bit will enable 1000 Mb/s mode when set. This bit is loaded from
EEPROM at power-up. R/W
21
Reserved
Reserved. Must be written as 0. R/W
20-18
PINT_CTL
Phy Interrupt Control
Allows phy interrupt on changes in Phy status as follows:
1xx: change in DUPSTS
x1x: change in LNKSTS
xx1: change in SPDSTS
Note that the phy interrupt mask in the IMR register must also be set.
17
TMRTEST
Timer Test Mode
Speeds up 100us internal timer signal to 4us.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com