Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 66Page - National Semiconductor (TI) DP83820 Datasheet HTML 67Page - National Semiconductor (TI) DP83820 Datasheet HTML 68Page - National Semiconductor (TI) DP83820 Datasheet HTML 69Page - National Semiconductor (TI) DP83820 Datasheet HTML 70Page - National Semiconductor (TI) DP83820 Datasheet HTML 71Page - National Semiconductor (TI) DP83820 Datasheet HTML 72Page - National Semiconductor (TI) DP83820 Datasheet HTML 73Page - National Semiconductor (TI) DP83820 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
70
www.national.com
4.0 Register Set (Continued)
4.2.41 TBI Auto-Negotiation Link Partner Ability Register
This register contains the advertised ability of the link partner. The bit definitions are a direct representation of the link
partner’s base page. The value of this register is valid after successful completion of auto-negotiation or when a new
base page has be received as indicated by bit 6 of the Auto-Negotiation Expansion Register.
13-12
RF2, RF1
Remote Fault
Read-only bits indicating that a fault or error condition has occurred.
The default value is 00.
00 - No error, Link OK
10 - Offline
01 - Link Failure
11 - Auto-Negotiation Error
11-9
unused - returns 0
8-7
PS2, PS1
Pause Capability Encoding PS1 indicates that the device is capable of providing symmetric
PAUSE functions. PS2 indicates that asymmetric PAUSE operation is
supported. The value of PS1 when PS2 is set indicates the direction
PAUSE frames are supported for flow across the link. Asymmetric
PAUSE configuration results in independent enabling of the PAUSE
receive and PAUSE transmit functions for PAUSE configuration
resolution.
00 - No PAUSE
10 - Asymmetric PAUSE Toward Link Partner
01 - Symmetric PAUSE
11 - Both Symmetric PAUSE and Asymmetric PAUSE Toward Local
Device.
6
HALF_DUP
Half Duplex
When set to 1, advertises half duplex capability.
5
FULL_DUP
Full Duplex
When set to 1, advertises full duplex capability.
4-0
unused - returns 0
Tag: TANLPAR
Size: 32 bits
Hard Reset: 00000000h
Offset: 00ECh
Access: Read Only
Soft Reset: 00000000h
bit
tag
description
usage
15
NP
Next Page Exchange
Required
Read-only. Indicates that the link partner has a next page to transmit.
14
ignore on read - internal use only
13-12
RF2,RF1
Read-only. Indicates remote fault status of the link partner.
11-9
unused - returns 0
8-7
PS2, PS1
Read-only. Indicates the PAUSE capability of the link partner.
6
HALF_DUP
Read-only. Link partner is half duplex capable.
5
FULL_DUP
Read-only. Link partner is full duplex capable
4-0
unused - returns 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com