Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 49Page - National Semiconductor (TI) DP83820 Datasheet HTML 50Page - National Semiconductor (TI) DP83820 Datasheet HTML 51Page - National Semiconductor (TI) DP83820 Datasheet HTML 52Page - National Semiconductor (TI) DP83820 Datasheet HTML 53Page - National Semiconductor (TI) DP83820 Datasheet HTML 54Page - National Semiconductor (TI) DP83820 Datasheet HTML 55Page - National Semiconductor (TI) DP83820 Datasheet HTML 56Page - National Semiconductor (TI) DP83820 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
53
www.national.com
4.0 Register Set (Continued)
4.2.17 Priority Queueing Control Register
This register allows control of Priority Queueing features.
5-1
DRTH
Rx Drain Threshold
Specifies the drain threshold in units of 8 bytes. When the number of bytes
in the receive FIFO reaches this value (times 8), or the FIFO contains a
complete packet, the receive bus master state machine will begin the
transfer of data from the FIFO to host memory. Care must be taken when
setting DRTH to a value lower than the number of bytes needed to
determine if packet should be accepted or rejected. In this case, the packet
might be rejected after the bus master operation to begin transferring the
packet into memory has begun. When this occurs, neither the OK bit or any
error status bit in the descriptor’s cmdsts will be set. A value of 0 prevents
draining of the packet until it is completely received.
This value is also used to compare with the accumulated packet length for
early receive indication. When the accumulated packet length meets or
exceeds the DRTH value, the RXEARLY interrupt condition is generated. A
value of 0 prevents the RXEARLY interrupt.
0
unused.
Tag: PQCR
Size: 32 bits
Hard Reset: 00000000h
Offset: 003Ch
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-4
unused
3-2
RXPQ
Receive Priority
Queue Enable
This 2-bit field is used to enable Receive Priority Queueing. The number of priority
queues is determined by the following encoding:
00 - Disabled (one queue)
01 - Two queues (0,1)
10 - Three queues (0,1,2)
11 - Four queues (0,1,2,3)
Packets are queued to the priority queues based on the VLAN user_priority field in the
VLAN tag. Any packet without a VLAN tag will be assumed to be priority 0.
1
TXFAIR
Transmit Fairness
Enable
Enables fairness in the transmit priority queueing process. If set, the transmitter will
implement a rotating priority scheme so all queues get fair access. The highest priority for
the current descriptor selection is always one less than the previous priority. If the last
packet was priority 2, then the priority scheme is 1,0,3,2 from highest to lowest. If no
descriptors are available, the fairness algorithm will be reset such that priority 3 is highest
priority. If this bit is not set, then priority queue 3 will always have the highest priority.
0
TXPQEN
Transmit Priority
Queueing Enable
Enables the transmit priority queueing feature. If this bit is set, the transmit DMA engine
will select between the available priority queues for transmit data. The priority queues can
be enabled individually using the Command Register (CR) TXE and TXPRI bits. If this bit
is not set, then only the lowest priority queue (TXDP) is enabled, and the TXPRI bits have
no function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com