Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 68Page - National Semiconductor (TI) DP83820 Datasheet HTML 69Page - National Semiconductor (TI) DP83820 Datasheet HTML 70Page - National Semiconductor (TI) DP83820 Datasheet HTML 71Page - National Semiconductor (TI) DP83820 Datasheet HTML 72Page - National Semiconductor (TI) DP83820 Datasheet HTML 73Page - National Semiconductor (TI) DP83820 Datasheet HTML 74Page - National Semiconductor (TI) DP83820 Datasheet HTML 75Page - National Semiconductor (TI) DP83820 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
72
www.national.com
Absolute Maximum Ratings
Supply Voltage (VDD)
3.3 V PCI signaling, 5.0 V tolerant
-0.5 V to 3.6 V
DC Input Voltage (VIN)
-0.5 V to 7.0 V
DC Output Voltage (VOUT)
-0.5 V to VDD + 0.5 V
Storage Temperature Range (TSTG)
-65 °C to 150 °C
Power Dissipation (PD)
743 mW
Body Temp. (TB) (Soldering, 10 sec)
220 °C
ESD Rating
(RZAP = 1.5kΩ, CZAP = 120 pF)
TPTD+/- ESD Rating
2.0 KV
1.6 KV
θ
ja (@0 cfm, 1 Watt)
44.5 °C/W
θ
jc (@1 Watt)
9.5 °C/W
Recommended Operating Conditions
Note: Absolute maximum ratings are values beyond which
operation is not recommended or guaranteed. Extended
exposure beyond these limits may affect device reliability.
They are not meant to imply that the device should be
operated at these limits.
Supply voltage (VDD) - IO
3.3 Volts + 0.3V
Supply voltage (VDD) - Core
1.8 Volts + 0.15V
Ambient Temperature (TA)
0 to 70 °C
5.0 DC and AC Specifications
5.1 DC Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Minimum High Level Output Voltage IOH =-6 mA
-4 mA for PMEN
2.4
V
VOL
Maximum Low Level Output Voltage IOL = 6 mA
4 mA for PMEN
0.4
V
VIH
Minimum High Level Input Voltage
2.0
V
VIL
Maximum Low Level Input Voltage
-0.5
0.8
V
VIH
Minimum High Level Input Voltage
GMII pins
1.7
V
VIL
Maximum Low Level Input Voltage
GMII pins
0.9
V
IIN
Input Current
VIN = VDD or GND
-10
10
µA
IOZ
TRI-STATE Output Leakage Current VOUT = VDD or GND
-10
10
µA
IDD
3.3 V Operating Supply Current
IOUT = 0 mA, FREQ = FMAX
150
mA
3.3 V WOL standby
40
mA
3.3 V Sleep mode
30
mA
IDD
1.8 V Operating Supply Current
IOUT = 0 mA, FREQ = FMAX
75
mA
1.8 V WOL standby
40
mA
1.8 V Sleep mode
10
50
mA
CIN
CMOS Input Capacitance
8
pF
COUT
CMOS Output Capacitance
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com