Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 48Page - National Semiconductor (TI) DP83820 Datasheet HTML 49Page - National Semiconductor (TI) DP83820 Datasheet HTML 50Page - National Semiconductor (TI) DP83820 Datasheet HTML 51Page - National Semiconductor (TI) DP83820 Datasheet HTML 52Page - National Semiconductor (TI) DP83820 Datasheet HTML 53Page - National Semiconductor (TI) DP83820 Datasheet HTML 54Page - National Semiconductor (TI) DP83820 Datasheet HTML 55Page - National Semiconductor (TI) DP83820 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
52
www.national.com
4.0 Register Set (Continued)
4.2.16 Receive Configuration Register
This register is used to set the receive configuration for DP83820. Receive properties such as accepting error packets,
runt packets, setting the receive drain threshold etc. are controlled here
Tag: RXCFG
Size: 32 bits
Hard Reset: 00000004h
Offset: 0038h
Access: Read Write
Soft Reset: 00000004h
bit
tag
description
usage
31
AEP
Accept Errored Packets
When set to 1, all packets with CRC or alignment errors will be accepted.
When set to 0, all packets with CRC or alignment errors will be rejected if
possible. Note that depending on the type of error, some packets may be
received with errors, regardless of the setting of AEP. These errors will be
indicated in the CMDSTS field of the last descriptor in the packet.
30
ARP
Accept Runt Packets
When set to 1, all packets under 64 bytes in length without errors are
accepted. When this bit is 0, all packets less than 64 bytes in length will be
rejected if possible.
29
STRIPCRC
Strip CRC
When set to a 1, the CRC will be stripped from the receive packet and the
byte count adjusted appropriately.
28
RX_FD
Receive Full Duplex
When set to 1, data received simultaneously to a local transmission (such
as during a PMD loopback or full duplex operation) will be accepted as valid
received data. When set to 0 (default), all data received simultaneous to a
local transmit will be rejected. This bit must be set to 1 for PMD loopback
and full duplex operation.
27
ALP
Accept Long Packets
When set to 1, all packets > 1518 bytes in length and <= 65527 bytes will
be treated as normal receive packets, and will not be tagged as long or
error packets. All packets > 65527 bytes in length will be truncated at 65528
bytes and either rejected from the FIFO, or tagged as long packets. Care
must be taken when accepting long packets to ensure that buffers provided
are of adequate length. When ALP is set to 0, packets larger than 1518
bytes (CRC inclusive) will be truncated at 1514 bytes, and rejected if
possible.
26
AIRL
Accept In-Range Length
Errored Packets
When set to 1, packets with Length/Type fields that do not match the data
length of the packet will be accepted. When set to 0, packets with
Length/Type fields that do not match the data length of the packet will be
rejected. In-Range Length checking only occurs if the Length/Type field is a
valid length.
25-23
unused
22-20
MXDMA
Max DMA Burst Size per Rx
DMA Burst
This field sets the maximum size of receive DMA data bursts according to
the following table:
000 = 256 32-bit words (1024 bytes)
001 = 2 32-bit words (8 bytes)
010 = 4 32-bit words (16 bytes)
011 = 8 32-bit words (32 bytes)
100 = 16 32-bit words (64 bytes)
101 = 32 32-bit words (128 bytes)
110 = 64 32-bit words (256 bytes)
111 = 128 32-bit word (512 bytes)
19-6
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com