Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 7Page - National Semiconductor (TI) DP83820 Datasheet HTML 8Page - National Semiconductor (TI) DP83820 Datasheet HTML 9Page - National Semiconductor (TI) DP83820 Datasheet HTML 10Page - National Semiconductor (TI) DP83820 Datasheet HTML 11Page - National Semiconductor (TI) DP83820 Datasheet HTML 12Page - National Semiconductor (TI) DP83820 Datasheet HTML 13Page - National Semiconductor (TI) DP83820 Datasheet HTML 14Page - National Semiconductor (TI) DP83820 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
3.0 Functional Description (Continued)
11
www.national.com
If FRAMEN is asserted beyond the assertion of IRDYN, the
DP83820 will still make data available as described above,
but will also issue a Disconnect. That is, it will assert the
STOPN signal with TRDYN. STOPN will remain asserted
until FRAMEN is detected as deasserted.
Figure 3-4 Target Read Operation
3.3.2 Target Write
A Target Write operation starts with the system generating
FRAMEN, Address, and Command (0011b or 0111b). See
Figure 3-5. If the upper 24 bits on the address bus match
CFGIOA:IOBASE (for I/O reads) or CFGMA:MEMBASE
(for memory reads), the DP83820 will generate DEVSELN
2 clock cycles later.
On the 2nd cycle after the assertion of DEVSELN, the
device will monitor the IRDYN signal. If IRDYN is asserted
at that time, the DP83810 will assert TRDYN. On the next
clock the 32-bit double word will be latched in, and TRDYN
will be forced HIGH for 1 cycle and then tri-stated.
Note: Target write operations must be 32-bits wide.
If FRAMEN is asserted beyond the assertion of IRDYN, the
DP83820 will still latch the first double word as described
above, but will also issue a Disconnect. That is, it will assert
the STOPN signal with TRDYN. STOPN will remain
asserted until FRAMEN is detected as deasserted.
Figure 3-5 Target Write Operation
Addr
Data
CLK
FRAMEN
AD[31:0]
C/BEN[3:0]
IRDYN
TRDYN
DEVSELN
PAR
PERRN
Addr
Data
CLK
FRAMEN
AD[31:0]
C/BEN[3:0]
IRDYN
TRDYN
DEVSELN
PAR
PERRN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com