Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 8Page - National Semiconductor (TI) DP83820 Datasheet HTML 9Page - National Semiconductor (TI) DP83820 Datasheet HTML 10Page - National Semiconductor (TI) DP83820 Datasheet HTML 11Page - National Semiconductor (TI) DP83820 Datasheet HTML 12Page - National Semiconductor (TI) DP83820 Datasheet HTML 13Page - National Semiconductor (TI) DP83820 Datasheet HTML 14Page - National Semiconductor (TI) DP83820 Datasheet HTML 15Page - National Semiconductor (TI) DP83820 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
3.0 Functional Description (Continued)
12
www.national.com
3.3.3 Master Read
A Master Read operation starts with the DP83820
asserting REQN. See Figure 3-6. If GNTN is asserted
within 2 clock cycles, FRAMEN, Address, and Command
will be generated 2 clocks after REQN (Address and
FRAMEN for 1 cycle only). If GNTN is asserted 3 cycles or
later, FRAMEN, Address, and Command will be generated
on the clock following GNTN.
The device will wait for 8 cycles for the assertion of
DEVSELN. After 8 clocks without DEVSELN, the device
will issue a Master Abort by asserting FRAMEN HIGH for 1
cycle. IRDYN will be forced HIGH on the following cycle.
Both signals will become tri-state on the cycle following
their deassertion.
On the clock edge after the generation of Address and
Command, the address bus will become tri-state, and the
C/BEN bus will contain valid byte enables. On the clock
edge after FRAMEN was asserted, IRDYN will be asserted
(and FRAMEN will be deasserted if this is to be a single
read operation). On the clock where both TRDYN and
DEVSELN are detected as asserted, data will be latched in
(and the byte enables will change if necessary). This will
continue until the cycle following the deassertion of
FRAMEN.
On the clock where the second to last read cycle occurs,
FRAMEN will be forced HIGH (it will be tri-stated 1 cycle
later). On the next clock edge that the device detects
TRDYN asserted, it will force IRDYN HIGH. It, too, will be
tri-stated 1 cycle later. This will conclude the read
operation. The DP83820 will never force a wait state during
a read operation.
Figure 3-6 Master Read Operation
3.3.4 Master Write
A Master Write operation starts with the DP83820
asserting REQN. See Figure 3-7. If GNTN is asserted
within 2 clock cycles, FRAMEN, Address, and Command
will be generated 2 clocks after REQN (Address and
FRAMEN for 1 cycle only). If GNTN is asserted 3 cycles or
later, FRAMEN, Address, and Command will be generated
on the clock following GNTN.
The device will wait for 8 cycles for the assertion of
DEVSELN. After 8 clocks without DEVSELN, the device
will issue a Master Abort by asserting FRAMEN HIGH for 1
cycle. IRDYN will be forced HIGH on the following cycle.
Both signals will become tri-state on the cycle following
their deassertion.
On the clock edge after the generation of Address and
Command, the data bus will become valid, and the C/BEN
bus will contain valid byte enables. On the clock edge after
FRAMEN was asserted, IRDYN will be asserted (and
FRAMEN will be deasserted if this is to be a single read
operation).
On
the
clock
where
both
TRDYN
and
DEVSELN are detected as asserted, valid data for the next
cycle will become available (and the byte enables will
change if necessary). This will continue until the cycle
following the deassertion of FRAMEN.
On the clock where the second to last write cycle occurs,
FRAMEN will be forced HIGH (it will be tri-stated 1 cycle
later). On the next clock edge that the device detects
TRDYN asserted, it will force IRDYN HIGH. It, too, will be
tri-stated 1 cycle later. This will conclude the write
operation. The DP83820 will never force a wait state during
a write operation.
Addr
Data
CLK
FRAMEN
AD[31:0]
C/BEN[3:0]
REQN
GNTN
IRDYN
TRDYN
DEVSELN
PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com