Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 67Page - National Semiconductor (TI) DP83820 Datasheet HTML 68Page - National Semiconductor (TI) DP83820 Datasheet HTML 69Page - National Semiconductor (TI) DP83820 Datasheet HTML 70Page - National Semiconductor (TI) DP83820 Datasheet HTML 71Page - National Semiconductor (TI) DP83820 Datasheet HTML 72Page - National Semiconductor (TI) DP83820 Datasheet HTML 73Page - National Semiconductor (TI) DP83820 Datasheet HTML 74Page - National Semiconductor (TI) DP83820 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
71
www.national.com
4.0 Register Set (Continued)
4.2.42 TBI Auto-Negotiation Expansion Register
This register is a read-only register indicating if a new base page from the link partner has been received and if the local
device is next page able. Writes to this register have no effect.
4.2.43 TBI Extended Status Register
This is a read-only register indicating all modes of operation for the local device. Writes to this register have no effect.
Tag: TANER
Size: 32 bits
Hard Reset: 00000000h
Offset: 00F0h
Access: Read Only
Soft Reset: 00000000h
bit
tag
description
usage
15-3
unused - returns 0
2
Next Page Able
Local Device supports the
Next Page Function
When set to a 1, this bit indicates that the local device supports the
Next Page function.
1
Page Received
New Page Received from Link
Partner
When set to a 1, this bit indicates that a new page has been
received from the link partner and stored in the applicable auto-
negotiation link partner ability register or next page register.
0
unused - returns 0
Tag: TESR
Size: 32 bits
Hard Reset: 0000C000h
Offset: 00F4h
Access: Read Only
Soft Reset: 0000C000h
bit
tag
description
usage
15
1000BASE-X Full Duplex
Full Duplex 1000BASE-X
Capable
Read-only bit, set to a 1, indicating that the local device is able
to perform full duplex, 1000BASE-X operations.
14
1000BASE-X Half Duplex
Half Duplex 1000BASE-X
Capable
Read-only bit, set to a 1, indicating that the local device is able
to perform half duplex, 1000BASE-X operations.
13-0
unused - returns 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com