Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 47Page - National Semiconductor (TI) DP83820 Datasheet HTML 48Page - National Semiconductor (TI) DP83820 Datasheet HTML 49Page - National Semiconductor (TI) DP83820 Datasheet HTML 50Page - National Semiconductor (TI) DP83820 Datasheet HTML 51Page - National Semiconductor (TI) DP83820 Datasheet HTML 52Page - National Semiconductor (TI) DP83820 Datasheet HTML 53Page - National Semiconductor (TI) DP83820 Datasheet HTML 54Page - National Semiconductor (TI) DP83820 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
51
www.national.com
4.0 Register Set (Continued)
4.2.14 Receive Descriptor Pointer Register
This register points to the current Receive Descriptor.
4.2.15 Receive Descriptor Pointer High Dword Register
This register points to the upper 32-bits of the current Receive Descriptor for 64-bit addressing. If Receive Priority
Queueing is enabled, this becomes the Descriptor pointer for all priority queues.
5
GP1_OE
General Purpose Pin 1
Output Enable
Enables the GP1 pin for use as an output. This bit is loaded from EEPROM
at power-up. R/W
4
GP5_OUT
General Purpose Pin 5
Output Value
Controls the output value on the GP5_DUP pin if the GP5_OE bit is set.
This bit is loaded from EEPROM at power-up. R/W
3
GP4_OUT
General Purpose Pin 4
Output Value
Controls the output value on the GP4 pin if the GP4_OE bit is set. This bit is
loaded from EEPROM at power-up.
2
GP3_OUT
General Purpose Pin 3
Output Value
Controls the output value on the GP3 pin if the GP3_OE bit is set. This bit is
loaded from EEPROM at power-up. R/W
1
GP2_OUT
General Purpose Pin 2
Output Value
Controls the output value on the GP2 pin if the GP2_OE bit is set. This bit is
loaded from EEPROM at power-up.
0
GP1_OUT
General Purpose Pin 1
Controls the output value on the GP1 pin if the GP1_OE bit is set. This bit is
loaded from EEPROM at power-up. R/W
Tag: RXDP
Size: 32 bits
Hard Reset: 00000000h
Offset: 0030h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
RXDP
Receive Descriptor Pointer
The current value of the receive descriptor pointer. When the receive state
machine is idle, software must set RXDP to the address of an available
receive descriptor. While the receive state machine is active, RXDP will
follow the state machine as it advances through a linked list of available
descriptors. If the link field of the current receive descriptor is NULL
(signifying the end of the list), RXDP will not advance, but will remain on the
current descriptor. Any subsequent writes to the RXE bit of the CR register
will cause the receive state machine to reread the link field of the current
descriptor to check for new descriptors that may have been appended to
the end of the list. Software should not write to this register unless the
receive state machine is idle. Receive descriptors must be aligned on 64-bit
boundaries (A2-A0 must be zero). A 0 written to RXDP followed by a
subsequent write to RXE will cause the receiver to enter silent RX mode,
for use during WOL. In this mode packets will by received and buffered in
FIFO, but no DMA to system memory will occur. The packet data may be
recovered from the FIFO by writing a valid descriptor address to RXDP and
then strobing RXE.
2-0
unused
Tag: RXDP_HI
Size: 32 bits
Hard Reset: 00000000h
Offset: 0034h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-0
RXDP_HI
Receive Descriptor Pointer
High Dword
If 64-bit addressing is enabled, this will be used as the upper 32-bits of the
current receive descriptor pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com