Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 70Page - National Semiconductor (TI) DP83820 Datasheet HTML 71Page - National Semiconductor (TI) DP83820 Datasheet HTML 72Page - National Semiconductor (TI) DP83820 Datasheet HTML 73Page - National Semiconductor (TI) DP83820 Datasheet HTML 74Page - National Semiconductor (TI) DP83820 Datasheet HTML 75Page - National Semiconductor (TI) DP83820 Datasheet HTML 76Page - National Semiconductor (TI) DP83820 Datasheet HTML 77Page - National Semiconductor (TI) DP83820 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
5.0 DC and AC Specifications (Continued)
74
www.national.com
5.2.3 Power On Reset (PCI Active)
Note 1: Minimum reset complete time is a function of the PCI, transmit, and receive clock frequencies.
Note 2: Minimum access after reset is dependent on PCI clock frequency. Accesses to DP83820 during this period will be ignored.
Note 3: EE is disabled for non power on reset.
5.2.4 Non Power On Reset
Note 4: Minimum reset complete time is a function of the PCI, transmit, and receive clock frequencies.
Number
Parameter
Min
Typ
Units
5.2.3.1
RSTN Active Duration from PCICLK
stable
1ms
5.2.3.2
Reset Disable to 1st PCI Cycle
EE Enabled
EE Disabled
2000
1
us
us
Number
Parameter
Min
Typ
Units
5.2.4.1
RSTN to Output Float
40
ns
T2
1st PCI Cycle
Reset Complete
Power Stable
RSTN
PCICLK
T1
1st PCI Cycle
RSTN
T1
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com