Electronic Components Datasheet Search
  English  ▼

X  

DP83820 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83820 Datasheet HTML 1Page - National Semiconductor (TI) DP83820 Datasheet HTML 2Page - National Semiconductor (TI) DP83820 Datasheet HTML 3Page - National Semiconductor (TI) DP83820 Datasheet HTML 4Page - National Semiconductor (TI) DP83820 Datasheet HTML 5Page - National Semiconductor (TI) DP83820 Datasheet HTML 6Page - National Semiconductor (TI) DP83820 Datasheet HTML 7Page - National Semiconductor (TI) DP83820 Datasheet HTML 8Page - National Semiconductor (TI) DP83820 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
5
www.national.com
2.0 Pin Descriptions (Continued)
Media Independent Interface (MII) - and Gigabit Media Independent Interface (GMII).
Symbol
Pin No(s)
Direction
Description
COL
170
I
Collision Detect: The COL signal is asserted high asynchronously by the
external PMD upon detection of a collision on the medium. It will remain
asserted as long as the collision condition persists.
CRS/SIGDET
169
I
Carrier Sense: This signal is asserted high asynchronously by the external
physical unit upon detection of a non-idle medium.
Signal Detect: In TBI mode, this signal is used to bring in the Signal Detect
indication from the Phy.
MDC
138
O
Management Data Clock: Clock signal with a maximum rate of 2.5 MHz used
to transfer management data for the external PMD on the MDIO pin.
MDIO
139
I/O
Management Data I/O: Bidirectional signal used to transfer management
information for the external PMD. Requires an external 4.7 K
Ω pullup resistor.
RXCLK/
RXPMACLK1
156
I
Receive Clock: A continuous clock, sourced by an external PMD device, that is
recovered from the incoming data. During 1000 Mb/s mode RX_CLK is 125
MHz, during 100 Mb/s operation RX_CLK is 25 MHz and during 10 Mb/s this is
2.5 MHz.
Receive PMA Clock 1: In TBI mode, this 62.5Mhz clock is used in conjunction
with RXPMACLK0 to clock 10-bit TBI data into the DP83820. The rising edge of
RXPMACLK1 clocks the even-numbered bytes.
RXD7,
RXD6,
RXD5,
RXD4,
RXD3,
RXD2,
RXD1,
RXD0
166,
165,
164,
163,
160,
159,
158,
157
I
Gigabit Receive Data: This is a group of 8 signals, sourced from an external
PMD, that contains data aligned on byte boundaries and are driven
synchronous to the RX_CLK. RXD7 is most significant bit.
Receive Data: This is a group of 4 signals, sourced from an external PMD, that
contains data aligned on nibble boundaries and are driven synchronous to the
RX_CLK. RXD3 is the most significant bit and RXD0 is the least significant bit.
RXD7 through RXD4 are not used in this mode.
TBI Receive Data: In TBI mode, these bits are the lower 8 bits of the 10-bit TBI
Receive data.
RXDV/RXD8
167
I
Receive Data Valid: This indicates that the external PMD is presenting
recovered and decoded nibbles on the RXD signals, and that RX_CLK is
synchronous to the recovered data in 100 Mb/s operation. This signal will
encompass the frame, starting with the Start-of-Frame delimiter (JK) and
excluding any End-of-Frame delimiter (TR).
TBI Receive Data: In TBI mode, this is RXD8 of the 10-bit TBI Receive data.
RXER/RXD9
168
I
Receive Error: This signal is asserted high synchronously by the external PMD
whenever it detects a media error and RXDV is asserted in 100 Mb/s or 1000
Mb/s operation.
TBI Receive Data: In TBI mode, this is RXD9 of the 10-bit TBI Receive data.
RXEN
171
O
Receive Output Enable: This pin is used to disable an external PMD while the
BIOS ROM is being accessed.
TXCLK/
RXPMACLK0
155
I
MII Transmit Clock: A continuous clock that is sourced by the external PMD.
During 100 Mb/s operation this is 25 MHz +/- 100 ppm. During 10 Mb/s
operation this clock is 2.5 MHz +/- 100 ppm.
Receive PMA Clock 0: In TBI mode, this 62.5Mhz clock is used in conjunction
with RXPMACLK1 to clock 10-bit TBI data into the DP83820. The rising edge of
RXPMACLK0 clocks the odd-numbered bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com