Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 316 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 316 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 312Page - National Semiconductor (TI) PC87591L Datasheet HTML 313Page - National Semiconductor (TI) PC87591L Datasheet HTML 314Page - National Semiconductor (TI) PC87591L Datasheet HTML 315Page - National Semiconductor (TI) PC87591L Datasheet HTML 316Page - National Semiconductor (TI) PC87591L Datasheet HTML 317Page - National Semiconductor (TI) PC87591L Datasheet HTML 318Page - National Semiconductor (TI) PC87591L Datasheet HTML 319Page - National Semiconductor (TI) PC87591L Datasheet HTML 320Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
316
Revision 1.07
Core to SIB Modules Access Enable Register (CRSMAE)
This register enables core access to the Host-Controlled modules. Only one of the bits in this register may be set at a time.
Location: 00 FCE816
Type: R/W
Bit
76543210
Name
Reserved
RTCAE
CFGAE
Reset
00000000
Bit
15
14
13
12
11
10
9
8
Name
Reserved
MSWCAE
Reset
00000000
Bit
Description
0
CFGAE (Configuration Register Core Access Enable).
0:
Core access to the Configuration registers is disabled
1:
Core access to the Configuration registers is enabled
1
RTCAE (Real-Time Clock (RTC) Core Access Enable). The RTC has two chip-select signals defined in its
configuration space, each with two registers. A1 of the offset is used to differentiate between the two (when A1
is 0, the pair pointed to by index 60, 61 is accessed; when A1 is 1, the pair pointed to by index 62, 63 is
accessed).
0:
Core access to the RTC registers is disabled
1:
Core access to the RTC registers is enabled
7-2
Reserved.
8
MSWCAE (Mobile System Wake-Up Control (MSWC) Access Enable).
0:
Core access to the MSWC registers is disabled
1:
Core access to the MSWC registers is enabled
15-9
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com