Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 318 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 318 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 314Page - National Semiconductor (TI) PC87591L Datasheet HTML 315Page - National Semiconductor (TI) PC87591L Datasheet HTML 316Page - National Semiconductor (TI) PC87591L Datasheet HTML 317Page - National Semiconductor (TI) PC87591L Datasheet HTML 318Page - National Semiconductor (TI) PC87591L Datasheet HTML 319Page - National Semiconductor (TI) PC87591L Datasheet HTML 320Page - National Semiconductor (TI) PC87591L Datasheet HTML 321Page - National Semiconductor (TI) PC87591L Datasheet HTML 322Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
318
Revision 1.07
5.5
MOBILE SYSTEM WAKE-UP CONTROL (MSWC)
The MSWC detects and handles wake-up events from various sources in the host-controlled modules. The MSWC gener-
ates interrupts to the host via SMI or PWUREQ, and/or alerts the core, which enables the core to control the wake-up se-
quence. Since the MSWC is powered by VCC, it can operate in low power consumption states. Some MSWC operations
depend on the presence of a clock; these functions are not available when the core clock is turned off.
Figure 104 shows the block diagram of the MSWC.
5.5.1
Features
The MSWC recognizes the following maskable system events:
●
Modem ring (RI1 and RI2 pins)
●
Telephone ring (RING input pin)
●
Wake-up on module IRQs for RTC, KBD and Mouse
●
Software events
— Software triggered wake-up event
— ACPI power state change indications
— Software off command
The MSWC notifies the host and/or core when any of the above events occur by asserting one or more of the following output
pins:
●
Power-Up Request (PWUREQ)
●
System Management Interrupt (SMI)
●
Interrupt to the host (IRQ)
●
MSWC interrupt to the core
5.5.2
Wake-Up Event Detection and Status Bits
The MSWC monitors various system signals for a wake-up event. When an event is detected, a status bit is set to record it.
Each event goes to the Wake-Up Mode Control Logic, which determines its effect (see Figure 105 for an illustration of this
mechanism). A set of dedicated registers is used to determine the wake-up criteria, including the RING detection mode.
Figure 104. MSWC Block Diagram
Core Peripheral Bus
Host Domain Internal Bus
Wake-Up
Configuration
RI1 RI2
Modules’ IRQs
RING Input
SMI
PWUREQ
Status Registers
Configuration
Registers
Off Event
RTC Alarm
SMI
MSWC Interrupt
Control &
Wake-Up
Event
Detection
IRQ
PM I/F
Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com