Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 379 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 379 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 375Page - National Semiconductor (TI) PC87591L Datasheet HTML 376Page - National Semiconductor (TI) PC87591L Datasheet HTML 377Page - National Semiconductor (TI) PC87591L Datasheet HTML 378Page - National Semiconductor (TI) PC87591L Datasheet HTML 379Page - National Semiconductor (TI) PC87591L Datasheet HTML 380Page - National Semiconductor (TI) PC87591L Datasheet HTML 381Page - National Semiconductor (TI) PC87591L Datasheet HTML 382Page - National Semiconductor (TI) PC87591L Datasheet HTML 383Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
379
www.national.com
Internal Inputs Accuracy8, 9
IACUB
AD13:
0.9V
≤ V
IN ≤ AVCC −0.2
±2
LSB
IACUV
AD10-12:
0.1V
≤ V
IN ≤ VFS
±2
LSB
Full Scale Voltage
VFSL
AD0-9 Low Scale
1.000
V
VFSH
AD0-9 High Scale
3.000
V
VFSB
AD13
4.000
V
VFSV
AD10-12
4.000
V
Input Voltage Range
VIN
Note10
0AVCC
V
Analog Input Leakage Current
IAL
AD0-9: 0
≤ V
IN ≤ AVCC
±1
µA
Analog Input Resistance
RAIN
AD0-9, AD13
4
ΜΩ
Analog Input Capacitance
CAIN
TBD
pF
ADC Clock Frequency
FCLK
0.5
MHz
ADC Enable Delay11
tEND
100
µs
Voltage Conversion Duration
tVC
8.2
ms
1. All parameters specified for 0
°C ≤ T
A ≤ 70°C and AVCC= 3.3V ± 5% unless otherwise specified.
2. The difference between 0V and the actual voltage value for code 00016.
3. XXXL = Inputs AD0-9, Low Scale; XXXH = Inputs AD0-9, High Scale; XXXV = Inputs AD10-12;
XXXB = Input AD13.
4. The difference between 1023/1024 * VFS and the actual voltage for code 3FF16.
5. The maximum difference between the ideal (straight) conversion line and the actual conversion curve, not
including the offset, gain and quantization (
±0.5 LSB) errors.
6. The maximum difference between an ideal step size (1 LSB) and any actual step size.
7. No missing codes.
8. Total unadjusted error (includes the offset, gain, integral non-linearity and quantization (
±0.5 LSB) errors).
9. The internal power supply inputs: VDD, VCC, AVCC.
10. Input Voltage allowed in normal operation. Linear range is as defined for the different measurement modes.
11. Time from the moment when ADCEN=1 in ADCCNF register until the beginning of the “ADC cycle”.
Parameter
Symbol
Conditions1
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com